nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
Tripp Lite. All Rights ... |
U038-006-CRA
|
160Kb / 3P |
USB Type-A to Type-C Cable, M/M, Right-Angle USB-C, 2.0, 6 ft. - Thunderbolt 3 Compatible
|
U040-C03-C
|
159Kb / 3P |
USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
|
U038-C13
|
164Kb / 3P |
USB Type-A to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 13 ft.
|
U428-003-CRA
|
162Kb / 3P |
USB Type-C to USB Type-A Cable (M/M) - Right Angle, 3.1, 5 Gbps, Gen 1, 3 ft. - Thunderbolt 3
|
U040-C13-C-5A
|
160Kb / 3P |
USB-C to USB-C Cable (M/M) - 2.0, 5A Rating, USB-IF Certified, Thunderbolt 3 Compatible, 13 ft.
|
U428-006
|
163Kb / 3P |
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
|
U040-006-C
|
157Kb / 3P |
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
|
U420-003-5A
|
160Kb / 3P |
USB-C to USB-C Cable (M/M) - 3.1, 5 Gbps, 5A Rating, Thunderbolt 3 Compatible, 3 ft.
|
U428-C03-G2
|
163Kb / 3P |
USB Type-C to USB Type-A Cable, 3.1, 10 Gbps, Gen 2, M/M, USB-IF Certified, 3 ft. - Thunderbolt 3
|
U422-006
|
164Kb / 3P |
USB Type-C to USB Type-B Cable - 5 Gbps, USB-C (3.1) to USB-B (3.0), M/M, Thunderbolt 3, 6 ft.
|