công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC912DG128X bảng dữ liệu (PDF) - Motorola, Inc

MC912DG128X Datasheet PDF - Motorola, Inc
tên linh kiện MC912DG128X
tải về  MC912DG128X tải về

kích thước tập tin   2141.73 Kbytes
Page   404 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện microcontroller unit 16BIT DEVICE

MC912DG128X Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC912DG128X Datasheet PDF - Motorola, Inc

tên linh kiện MC912DG128X
tải về  MC912DG128X Click to download

kích thước tập tin   2141.73 Kbytes
Page   404 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện microcontroller unit 16BIT DEVICE

MC912DG128X bảng dữ liệu (HTML) - Motorola, Inc

Back Button MC912DG128X Datasheet HTML 1Page - Motorola, Inc MC912DG128X Datasheet HTML 2Page - Motorola, Inc MC912DG128X Datasheet HTML 3Page - Motorola, Inc MC912DG128X Datasheet HTML 4Page - Motorola, Inc MC912DG128X Datasheet HTML 5Page - Motorola, Inc MC912DG128X Datasheet HTML 6Page - Motorola, Inc MC912DG128X Datasheet HTML 7Page - Motorola, Inc MC912DG128X Datasheet HTML 8Page - Motorola, Inc MC912DG128X Datasheet HTML 9Page - Motorola, Inc MC912DG128X Datasheet HTML 10Page - Motorola, Inc Next Button 

MC912DG128X Thông tin chi tiết sản phẩm

The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit (CPU12), 128K bytes of flash EEPROM, 8K bytes of RAM, 2K bytes of EEPROM, two asynchronous serial communications interfaces (SCI), a serial peripheral interface (SPI), an inter-IC interface (I2C), an enhanced capture timer (ECT), two 8-channel, 10-bit analog to-digital converters (ADC), a four-channel pulse-width modulator (PWM), and three CAN 2.0 A, B software compatible modules (MSCAN12). System resource mapping, clock generation, interrupt control and bus interfacing are managed by the lite integration module (LIM). The MC68HC912DT128A has full 16-bit data paths throughout, however, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems.



Features

• 16-bit CPU12

– Upward compatible with M68HC11 instruction set

– Interrupt stacking and programmer’s model identical to M68HC11

– 20-bit ALU

– Instruction queue

– Enhanced indexed addressing

• Multiplexed bus

– Single chip or expanded

– 16 address/16 data wide or 16 address/8 data narrow modes

• Memory

– 128K byte flash EEPROM, made of four 32K byte modules with 8K bytes protected BOOT section in each module

– 2K byte EEPROM

– 8K byte RAM with Vstby, made of two 4K byte modules.

• Two Analog-to-digital converters

– 2 times 8-channels, 10-bit resolution

• Three 1M bit per second, CAN 2.0 A, B software compatible modules on the MC68HC912DT128A (two on theMC68HC912DG128A)

– Two receive and three transmit buffers per CAN

– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit

– Four separate interrupt channels for Rx, Tx, error and wake-upper CAN

– Low-pass filter wake-up function

– Loop-back for self test operation

– Programmable link to a timer input capture channel, for time

stamping and network synchronization.

• Enhanced capture timer (ECT)

– 16-bit main counter with 7-bit prescaler

– 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer

– Input capture filters and buffers, three successive captures on four channels, or two captures on four channels with a capture/compare selectable on the remaining four

– Four 8-bit or two 16-bit pulse accumulators

– 16-bit modulus down-counter with 4-bit prescaler

– Four user-selectable delay counters for signal filtering




Số phần tương tự - MC912DG128X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC912DG128X MOTOROLA-MC912DG128X Datasheet
2Mb / 478P
   The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
More results


Mô tả tương tự - MC912DG128X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12T64 FREESCALE-MC9S12T64 Datasheet
5Mb / 608P
   microcontroller unit
logo
Motorola, Inc
MC68HC908RK2 MOTOROLA-MC68HC908RK2 Datasheet
959Kb / 232P
   Microcontroller Unit
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
More results




Giới thiệu về Motorola, Inc


Motorola, Inc. là một công ty viễn thông đa quốc gia Hoa Kỳ được thành lập vào năm 1928. Nó có trụ sở tại Schaumburg, Illinois và là một trong những nhà cung cấp điện thoại di động, thiết bị viễn thông và chất bán dẫn lớn nhất. Trong suốt lịch sử của mình, Motorola được biết đến với sự đổi mới trong lĩnh vực viễn thông, bao gồm cả sự phát triển của điện thoại di động thương mại đầu tiên trên thế giới, Dynatac và máy nhắn tin hai chiều đầu tiên của thế giới, The PageBoy.

Năm 2011, Motorola chia thành hai công ty riêng biệt: Motorola Mobility và Motorola Solutions. Motorola Mobility sau đó đã được Google mua lại vào năm 2012 và hiện là công ty con của Lenovo. Motorola Solutions tập trung vào các giải pháp truyền thông thương mại và an toàn công cộng và công nghiệp. Công ty cung cấp một loạt các sản phẩm bao gồm radio hai chiều, thiết bị điện toán di động và thiết bị cơ sở hạ tầng mạng.

Motorola là một trong những người tiên phong của ngành công nghiệp điện thoại di động và có một lịch sử phong phú về đổi mới và tiến bộ công nghệ. Di sản của công ty tiếp tục thông qua các công ty con và công nghệ và sản phẩm tiếp tục được sử dụng trên toàn thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com