| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SS320BF Datasheet
# Example questions:
➢ How does the maximum dc reverse current change as the operating temperature increases from 25°c to 100°c for the ss32bf model?
➢ What is the maximum average forward rectified current that the ss320bf model can handle?
➢ What are the physical dimensions of the device case, specifically the length and width in millimeters?
# 星合电子 (XINGHE ELECTRONICS)
## SS32BF THRU SS320BF
Surface Mount Schottky Barrier Rectifier
️· Reverse Voltage: 20 to 200V
️· Forward Current: 3.0A
️· Features:
- Metal silicon junction, majority carrier conduction
- For surface mounted applications
- Low power loss, high efficiency
- High forward surge current capability
- Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection
Mechanical Data
️· Case: SMBF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approximate Weight: 57mg / 0.002oz
Ratings & Characteristics
️· Single phase, half wave, 60Hz resistive or inductive load, derate by 20% for capacitive load.
️· Operating Junction Temperature Range: -55 ~ +125 °C
️· Storage Temperature Range: -55 ~ +150 °C
️· Typical Thermal Resistance: 50 °C/W (for SS32BF through SS320BF)
Key Electrical Parameters (Representative values, range shown)
| Parameter | SS32BF | SS34BF | SS36BF | SS38BF | SS310BF | SS312BF | SS315BF | SS320BF | Units |
|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage (VRRM) | 20 | 40 | 60 | 80 | 100 | 120 | 150 | 200 | V |
| Maximum RMS Voltage (VRMS) | 14 | 28 | 42 | 56 | 70 | 84 | 105 | 140 | V |
| Maximum Average Forward Rectified Current (IF(AV)) | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | A |
| Peak Forward Surge Current (IFSM) | 80 | 80 | 80 | 80 | 70 | 70 | 70 | 70 | A |
| Max Instantaneous Forward Voltage at 2A (VF) | 0.55 | 0.55 | 0.70 | 0.70 | 0.85 | 0.85 | 0.95 | 0.95 | V |
# 星合电子 (XINGHE ELECTRONICS)
## SS32BF THRU SS320BF
Surface Mount Schottky Barrier Rectifier
️· Reverse Voltage: 20 to 200V
️· Forward Current: 3.0A
️· Features:
- Metal silicon junction, majority carrier conduction
- For surface mounted applications
- Low power loss, high efficiency
- High forward surge current capability
- Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection
Mechanical Data
️· Case: SMBF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approximate Weight: 57mg / 0.002oz
Ratings & Characteristics
️· Single phase, half wave, 60Hz resistive or inductive load, derate by 20% for capacitive load.
️· Operating Junction Temperature Range: -55 ~ +125 °C
️· Storage Temperature Range: -55 ~ +150 °C
️· Typical Thermal Resistance: 50 °C/W (for SS32BF through SS320BF)
Key Electrical Parameters (Representative values, range shown)
| Parameter | SS32BF | SS34BF | SS36BF | SS38BF | SS310BF | SS312BF | SS315BF | SS320BF | Units |
|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage (VRRM) | 20 | 40 | 60 | 80 | 100 | 120 | 150 | 200 | V |
| Maximum RMS Voltage (VRMS) | 14 | 28 | 42 | 56 | 70 | 84 | 105 | 140 | V |
| Maximum Average Forward Rectified Current (IF(AV)) | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | 3.0 | A |
| Peak Forward Surge Current (IFSM) | 80 | 80 | 80 | 80 | 70 | 70 | 70 | 70 | A |
| Max Instantaneous Forward Voltage at 2A (VF) | 0.55 | 0.55 | 0.70 | 0.70 | 0.85 | 0.85 | 0.95 | 0.95 | V |
| Part No. | SS320BF |
| Manufacturer | GXELECTRONICS |
| Size | 357 Kbytes |
| Pages | 2 pages |
| Description | Surface Mount Schottky Barrier Rectifier |