công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4178 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4178 Datasheet

  • # Example questions: ➢ What is the maximum operating frequency for this smc jack connector?
    ➢ What are the dimensions of this connector in inches for length, width/diameter, and height?
    ➢ What is the minimum vswr value across the specified frequency range?

  • Part No.PE4178
    ManufacturerPASTERNACK
    Size353 Kbytes
    Pages4 pages
    DescriptionSMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
    Datasheet Summary with AI

    # PE4178 SMC Jack Connector Summary

    ## Configuration
    · Connector Type: SMC Jack
    · Body Geometry: Right Angle
    · Interface: Thru Hole Solder Attachment
    · Impedance: 50 Ohms
    · Standards: MIL-STD-348A

    ## Features & Performance
    · Max. Operating Frequency: 10 GHz
    · VSWR: 1.5:1
    · Operating Voltage: 335 V rms
    · Frequency Range: DC to 10 GHz
    · VSWR (DC to 3 GHz): 1.3:1
    · VSWR (3 to 10 GHz): 1.5:1

    ## Mechanical Specifications
    · Length: 0.45 in [11.43 mm]
    · Width/Diameter: 0.25 in [6.35 mm]

    · Height: 0.443 in [11.25 mm]
    · Weight: 0.006 lbs [2.72 g]

    ## Material Specifications
    · Contact: Brass with 50 µin minimum gold plating
    · Insulation: PTFE
    · Body: Brass with 30 µin minimum gold plating

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    ## Applications
    · General Purpose Test
    · PCB Applications
    · I/O connections
    · Custom cable assemblies

    # PE4178 SMC Jack Connector Summary

    ## Configuration
    · Connector Type: SMC Jack
    · Body Geometry: Right Angle
    · Interface: Thru Hole Solder Attachment
    · Impedance: 50 Ohms
    · Standards: MIL-STD-348A

    ## Features & Performance
    · Max. Operating Frequency: 10 GHz
    · VSWR: 1.5:1
    · Operating Voltage: 335 V rms
    · Frequency Range: DC to 10 GHz
    · VSWR (DC to 3 GHz): 1.3:1
    · VSWR (3 to 10 GHz): 1.5:1

    ## Mechanical Specifications
    · Length: 0.45 in [11.43 mm]
    · Width/Diameter: 0.25 in [6.35 mm]
    · Height: 0.443 in [11.25 mm]
    · Weight: 0.006 lbs [2.72 g]

    ## Material Specifications
    · Contact: Brass with 50 µin minimum gold plating
    · Insulation: PTFE
    · Body: Brass with 30 µin minimum gold plating

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    ## Applications
    · General Purpose Test
    · PCB Applications
    · I/O connections
    · Custom cable assemblies

    Part No.PE4178
    ManufacturerPASTERNACK
    Size353 Kbytes
    Pages4 pages
    DescriptionSMC Jack Right Angle Connector Solder Attachment Thru Hole PCB