công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4174 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4174 Datasheet

  • # Example questions: ➢ What is the operating temperature range within which this connector can function?
    ➢ What is the required pcb hole spacing for proper solder attachment of this connector?
    ➢ What is the maximum operating frequency for this smb jack connector?

  • Part No.PE4174
    ManufacturerPASTERNACK
    Size345 Kbytes
    Pages3 pages
    DescriptionSMB Jack Connector Solder Attachment Thru Hole PCB
    Datasheet Summary with AI

    # PE4174 SMB Jack Connector

    ## Configuration
    · Connector Type: SMB Jack
    · Interface: Solder Attachment, Thru Hole
    · Impedance: 50 Ohms
    · Body Geometry: Straight

    ## Features
    · Maximum Operating Frequency: 4 GHz
    · VSWR: 1.3:1
    · Contact Material: Brass with 30 µin minimum Gold Plating
    · Operating Voltage: 335 V rms

    ## Mechanical Specifications
    · Length: 0.445 in [11.3 mm]
    · Width/Diameter: 0.25 in [6.35 mm]
    · Height: 0.25 in [6.35 mm]
    · Weight: 0.007 lbs [3.18 g]
    · Hole Spacing: .200 inch x .067 inch


    ## Material Specifications
    · Contact: Brass, Gold Plated (30 µin minimum)
    · Insulation: PTFE
    · Body: Brass, Gold Plated (30 µin minimum)

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    ## Applications
    · General Purpose Test
    · PCB Applications

    # PE4174 SMB Jack Connector

    ## Configuration
    · Connector Type: SMB Jack
    · Interface: Solder Attachment, Thru Hole
    · Impedance: 50 Ohms
    · Body Geometry: Straight

    ## Features
    · Maximum Operating Frequency: 4 GHz
    · VSWR: 1.3:1
    · Contact Material: Brass with 30 µin minimum Gold Plating
    · Operating Voltage: 335 V rms

    ## Mechanical Specifications
    · Length: 0.445 in [11.3 mm]
    · Width/Diameter: 0.25 in [6.35 mm]
    · Height: 0.25 in [6.35 mm]
    · Weight: 0.007 lbs [3.18 g]
    · Hole Spacing: .200 inch x .067 inch

    ## Material Specifications
    · Contact: Brass, Gold Plated (30 µin minimum)
    · Insulation: PTFE
    · Body: Brass, Gold Plated (30 µin minimum)

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    ## Applications
    · General Purpose Test
    · PCB Applications

    Part No.PE4174
    ManufacturerPASTERNACK
    Size345 Kbytes
    Pages3 pages
    DescriptionSMB Jack Connector Solder Attachment Thru Hole PCB