| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4171 Datasheet
# Example questions:
➢ What is the maximum operating frequency for this smc jack connector?
➢ What is the vswr at frequencies from dc to 6 ghz?
➢ What is the operating temperature range for this connector?
# PE4171 SMC Jack Connector
## Configuration
· Connector Type: SMC Jack
· Standard: MIL-STD-348A
· Impedance: 50 Ohms
· Body Geometry: Straight
· Interface Type: Solder Cup
· Attachment: Solder
· Mounting: Bulkhead
## Features
· Max. Operating Frequency: 10 GHz
· VSWR: 1.5:1
· Contact Material: Brass with 30 µin minimum Gold Plating
## Applications
· General Purpose Test
· Rack and Panel Mount
## Electrical Specifications
· Frequency Range: DC to 10 GHz
· Operating Voltage: 335 V rms
· VSWR (Max): 1.3:1 (DC to 6 GHz), 1.5:1 (6 to 10 GHz)
## Mechanical Specifications
· Length: 0.606 in [15.39 mm]
· Width/Diameter: 0.25 in [6.35 mm]
· Weight: 0.004 lbs [1.81 g]
## Material Specifications
· Contact: Brass with Gold Plating (30 µin minimum)
· Insulation: PTFE
· Body: Brass with Gold Plating (30 µin minimum)
## Environmental Specifications
· Operating Temperature: -65 to +165 deg C
# PE4171 SMC Jack Connector
## Configuration
· Connector Type: SMC Jack
· Standard: MIL-STD-348A
· Impedance: 50 Ohms
· Body Geometry: Straight
· Interface Type: Solder Cup
· Attachment: Solder
· Mounting: Bulkhead
## Features
· Max. Operating Frequency: 10 GHz
· VSWR: 1.5:1
· Contact Material: Brass with 30 µin minimum Gold Plating
## Applications
· General Purpose Test
· Rack and Panel Mount
## Electrical Specifications
· Frequency Range: DC to 10 GHz
· Operating Voltage: 335 V rms
· VSWR (Max): 1.3:1 (DC to 6 GHz), 1.5:1 (6 to 10 GHz)
## Mechanical Specifications
· Length: 0.606 in [15.39 mm]
· Width/Diameter: 0.25 in [6.35 mm]
· Weight: 0.004 lbs [1.81 g]
## Material Specifications
· Contact: Brass with Gold Plating (30 µin minimum)
· Insulation: PTFE
· Body: Brass with Gold Plating (30 µin minimum)
## Environmental Specifications
· Operating Temperature: -65 to +165 deg C
| Part No. | PE4171 |
| Manufacturer | PASTERNACK |
| Size | 348 Kbytes |
| Pages | 3 pages |
| Description | SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal |