công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4167 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4167 Datasheet

  • # Example questions: ➢ What are the minimum and maximum operating temperatures for this connector?
    ➢ How does the plating material of the connector's contact affect its performance?
    ➢ What is the maximum operating frequency supported by this smb jack connector?

  • Part No.PE4167
    ManufacturerPASTERNACK
    Size341 Kbytes
    Pages3 pages
    DescriptionSMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
    Datasheet Summary with AI

    # PE4167 SMB Jack Connector Summary

    ## Configuration
    ️· Connector Type: SMB Jack
    ️· Mounting: Bulkhead
    ️· Impedance: 50 Ohms
    ️· Termination: Solder Cup
    ️· Attachment: Solder
    ️· Standard: MIL-STD-348A

    ## Features
    ️· Maximum Operating Frequency: 4 GHz
    ️· VSWR: 1.3:1
    ️· Contact Material: Brass with 30 µin minimum gold plating

    ## Electrical Specifications
    ️· Frequency Range: DC to 4 GHz
    ️· Operating Voltage (AC): 335 V rms

    ## Mechanical Specifications

    ️· Length: 0.606 in [15.39 mm]
    ️· Width/Diameter: 0.25 in [6.35 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Solder Cup D Hole: 0.177 inch

    ## Material Specifications
    ️· Contact: Brass with gold plating (30 µin minimum)
    ️· Insulation: PTFE
    ️· Body: Brass with nickel plating (100 µin minimum)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 °C

    ## Applications
    ️· General Purpose Test
    ️· Rack and Panel Mount

    # PE4167 SMB Jack Connector Summary

    ## Configuration
    ️· Connector Type: SMB Jack
    ️· Mounting: Bulkhead
    ️· Impedance: 50 Ohms
    ️· Termination: Solder Cup
    ️· Attachment: Solder
    ️· Standard: MIL-STD-348A

    ## Features
    ️· Maximum Operating Frequency: 4 GHz
    ️· VSWR: 1.3:1
    ️· Contact Material: Brass with 30 µin minimum gold plating

    ## Electrical Specifications
    ️· Frequency Range: DC to 4 GHz
    ️· Operating Voltage (AC): 335 V rms

    ## Mechanical Specifications
    ️· Length: 0.606 in [15.39 mm]
    ️· Width/Diameter: 0.25 in [6.35 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Solder Cup D Hole: 0.177 inch

    ## Material Specifications
    ️· Contact: Brass with gold plating (30 µin minimum)
    ️· Insulation: PTFE
    ️· Body: Brass with nickel plating (100 µin minimum)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 °C

    ## Applications
    ️· General Purpose Test
    ️· Rack and Panel Mount

    Part No.PE4167
    ManufacturerPASTERNACK
    Size341 Kbytes
    Pages3 pages
    DescriptionSMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal