công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE9889 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE9889 Datasheet

  • # Example questions: ➢ What type of waveguide interface does the pe9889 adapter utilize, and what is the flange type?
    ➢ What are the dimensions of the pe9889 adapter, specifically its length, width, and height?
    ➢ What is the frequency range over which the pe9889 adapter is designed to operate?

  • Part No.PE9889
    ManufacturerPASTERNACK
    Size384 Kbytes
    Pages4 pages
    DescriptionWR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
    Datasheet Summary with AI

    # PE9889 Waveguide to Coax Adapter

    ## Features
    ️· Frequency Range: 8.2 to 12.4 GHz (X Band)
    ️· Waveguide Interface: WR-90 with Square Type Flange
    ️· RF Connector: N Male
    ️· Impedance: 50 Ohms

    ## Description
    ️· Adapter converts WR-90 waveguide to N Male coaxial connector.
    ️· Constructed of aluminum for durability and performance.
    ️· REACH and RoHS compliant.

    ## Mechanical Specifications
    ️· Length: 2.66 in [67.56 mm]
    ️· Width: 1.63 in [41.4 mm]
    ️· Height: 1 in [25.4 mm]
    ️· Weight: 0.196 lbs [88.9 g]

    ## Electrical Specifications

    ️· VSWR: 1.3:1
    ️· Return Loss: Max Return Loss (See plotted data)

    ## Additional Information
    ️· CAD drawings available.
    ️· 99.4% product availability.
    ️· Same day shipment available.
    ️· Product URL: [https://www.pasternack.com/wr-90-square-cover-n-waveguide-coax-adapter-12.4-ghz-pe9889-p.aspx](https://www.pasternack.com/wr-90-square-cover-n-waveguide-coax-adapter-12.4-ghz-pe9889-p.aspx)

    # PE9889 Waveguide to Coax Adapter

    ## Features
    ️· Frequency Range: 8.2 to 12.4 GHz (X Band)
    ️· Waveguide Interface: WR-90 with Square Type Flange
    ️· RF Connector: N Male
    ️· Impedance: 50 Ohms

    ## Description
    ️· Adapter converts WR-90 waveguide to N Male coaxial connector.
    ️· Constructed of aluminum for durability and performance.
    ️· REACH and RoHS compliant.

    ## Mechanical Specifications
    ️· Length: 2.66 in [67.56 mm]
    ️· Width: 1.63 in [41.4 mm]
    ️· Height: 1 in [25.4 mm]
    ️· Weight: 0.196 lbs [88.9 g]

    ## Electrical Specifications
    ️· VSWR: 1.3:1
    ️· Return Loss: Max Return Loss (See plotted data)

    ## Additional Information
    ️· CAD drawings available.
    ️· 99.4% product availability.
    ️· Same day shipment available.
    ️· Product URL: [https://www.pasternack.com/wr-90-square-cover-n-waveguide-coax-adapter-12.4-ghz-pe9889-p.aspx](https://www.pasternack.com/wr-90-square-cover-n-waveguide-coax-adapter-12.4-ghz-pe9889-p.aspx)

    Part No.PE9889
    ManufacturerPASTERNACK
    Size384 Kbytes
    Pages4 pages
    DescriptionWR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band