| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE15A8007 Datasheet
# Example questions:
➢ What is the minimum input signal level required to achieve the specified gain of this amplifier?
➢ What is the typical dc current draw of the pe15a8007 when operating with a 12 volt supply?
➢ How does the operating temperature range of -30°c to +70°c affect the noise figure of the pe15a8007?
# PE15A8007 Gain Block Amplifier
## Overview
A wideband general purpose RF coaxial gain block amplifier operating in the 6 GHz to 18 GHz frequency range.
## Features
️· Frequency Range: 6 GHz to 18 GHz
️· P1dB: 20 dBm min
️· Gain: 17 dB typ
️· IP3: 30 dBm min
️· Impedance: 50 Ohms
️· Operating Temperature: -30°C to +70°C
️· Supply Voltage: Single positive supply (+12V DC, with built-in voltage regulator)
️· Stability: Unconditionally stable
## Applications
️· Laboratory Applications
️· R&D Labs
️· Military Radio
️· Radar Systems
️· Telecom Infrastructure
️· Test Instrumentation
️· Communication Systems
️· Wireless Communication
️· Microwave Radio Systems
️· Cellular Base Stations
️· RF Pre-amplification
️· Gain Block
## Electrical Specifications
️· Frequency Range: 6 - 18 GHz
️· Small Signal Gain: 15 - 17 dB
️· Gain Flatness: ±0.6 to ±0.7 dB
️· Output at 1 dB Compression Point (P1dB): +20 dBm min
️· Output 3rd Intercept Point (IP3): +30 dBm min
️· Noise Figure: 4.5 dB
️· Input VSWR: 2:1
️· Output VSWR: 2:1
️· Operating DC Voltage: 11 - 15 V
️· Operating DC Current: 160 mA
️· Operating Temperature Range: -30°C to +70°C
## Notes
️· Values are specified at +25°C, sea level.
️· ESD sensitive material – handle with appropriate precautions.
# PE15A8007 Gain Block Amplifier
## Overview
A wideband general purpose RF coaxial gain block amplifier operating in the 6 GHz to 18 GHz frequency range.
## Features
️· Frequency Range: 6 GHz to 18 GHz
️· P1dB: 20 dBm min
️· Gain: 17 dB typ
️· IP3: 30 dBm min
️· Impedance: 50 Ohms
️· Operating Temperature: -30°C to +70°C
️· Supply Voltage: Single positive supply (+12V DC, with built-in voltage regulator)
️· Stability: Unconditionally stable
## Applications
️· Laboratory Applications
️· R&D Labs
️· Military Radio
️· Radar Systems
️· Telecom Infrastructure
️· Test Instrumentation
️· Communication Systems
️· Wireless Communication
️· Microwave Radio Systems
️· Cellular Base Stations
️· RF Pre-amplification
️· Gain Block
## Electrical Specifications
️· Frequency Range: 6 - 18 GHz
️· Small Signal Gain: 15 - 17 dB
️· Gain Flatness: ±0.6 to ±0.7 dB
️· Output at 1 dB Compression Point (P1dB): +20 dBm min
️· Output 3rd Intercept Point (IP3): +30 dBm min
️· Noise Figure: 4.5 dB
️· Input VSWR: 2:1
️· Output VSWR: 2:1
️· Operating DC Voltage: 11 - 15 V
️· Operating DC Current: 160 mA
️· Operating Temperature Range: -30°C to +70°C
## Notes
️· Values are specified at +25°C, sea level.
️· ESD sensitive material – handle with appropriate precautions.
| Part No. | PE15A8007 |
| Manufacturer | PASTERNACK |
| Size | 435 Kbytes |
| Pages | 5 pages |
| Description | TECHNICAL DATA SHEET |