công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XSMOK43MB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XSMOK43MB Datasheet

  • # Example questions: ➢ If a specific luminous intensity is required, what is the typical accuracy of the sorting process for luminous intensity?
    ➢ What is the maximum forward current allowed for the xsmok43mb led?
    ➢ What is the recommended relative humidity range for handling this led to minimize static build-up?

  • Part No.XSMOK43MB
    ManufacturerSUNLED
    Size228 Kbytes
    Pages3 pages
    DescriptionLow power consumption
    Datasheet Summary with AI

    # XSMOK43MB 3.0x3.0mm ICE CUBE LED

    ## Features
    · Radial / Through hole package
    · Reliable & robust
    · Low power consumption
    · Available on tape and reel
    · RoHS Compliant

    ## Absolute Maximum Ratings
    · Reverse Voltage: 5V
    · Forward Current: 30mA
    · Forward Current (Peak): 195mA (0.1ms Pulse Width, 10% Duty Cycle)
    · Power Dissipation: 75mW
    · Operating Temperature: -40 ~ +85°C
    · Storage Temperature: -40 ~ +85°C
    · Lead Solder Temperature: 260°C for 3/5 seconds (depending on distance from package base)

    ## Operating Characteristics (TA=25°C)
    · Forward Voltage (Typ.): 2.1V (IF=20mA)
    · Forward Voltage (Max.): 2.5V (IF=20mA)
    · Reverse Current (Max.): 10uA (VR=5V)
    · Peak Emission Wavelength: 610nm (Typ., IF=20mA)
    · Dominant Emission Wavelength: 601nm (Typ., IF=20mA)
    · Spectral Line Full Width: 29nm (Typ., IF=20mA)
    · Capacitance: 15pF (VF=0V, f=1MHz)

    ## Part Information
    · Part Number: XSMOK43MB
    · Emitting Color: Orange
    · Emitting Material: AlGaInP
    · Lens-color: White Triple Diffused

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity / Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Important Notes
    · Data is for technical reference.
    · ESD sensitive - Observe precautions for handling.
    · Intended for electronic applications where life safety is not dependent on the LED.
    · Refer to website for additional technical notes: http://www.SunLEDusa.com/TechnicalNotes.asp

    # XSMOK43MB 3.0x3.0mm ICE CUBE LED

    ## Features
    · Radial / Through hole package
    · Reliable & robust
    · Low power consumption
    · Available on tape and reel
    · RoHS Compliant

    ## Absolute Maximum Ratings
    · Reverse Voltage: 5V
    · Forward Current: 30mA
    · Forward Current (Peak): 195mA (0.1ms Pulse Width, 10% Duty Cycle)
    · Power Dissipation: 75mW
    · Operating Temperature: -40 ~ +85°C
    · Storage Temperature: -40 ~ +85°C
    · Lead Solder Temperature: 260°C for 3/5 seconds (depending on distance from package base)

    ## Operating Characteristics (TA=25°C)
    · Forward Voltage (Typ.): 2.1V (IF=20mA)
    · Forward Voltage (Max.): 2.5V (IF=20mA)
    · Reverse Current (Max.): 10uA (VR=5V)
    · Peak Emission Wavelength: 610nm (Typ., IF=20mA)
    · Dominant Emission Wavelength: 601nm (Typ., IF=20mA)
    · Spectral Line Full Width: 29nm (Typ., IF=20mA)
    · Capacitance: 15pF (VF=0V, f=1MHz)

    ## Part Information
    · Part Number: XSMOK43MB
    · Emitting Color: Orange
    · Emitting Material: AlGaInP
    · Lens-color: White Triple Diffused

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity / Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Important Notes
    · Data is for technical reference.
    · ESD sensitive - Observe precautions for handling.
    · Intended for electronic applications where life safety is not dependent on the LED.
    · Refer to website for additional technical notes: http://www.SunLEDusa.com/TechnicalNotes.asp

    Part No.XSMOK43MB
    ManufacturerSUNLED
    Size228 Kbytes
    Pages3 pages
    DescriptionLow power consumption