công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XSMG92D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XSMG92D Datasheet

  • # Example questions: ➢ Within what temperature range can the xsmg92d lamp be safely operated?
    ➢ What is the maximum forward current allowed for the xsmg92d lamp?
    ➢ What is the typical peak wavelength (λp) emitted by the green xsmg92d lamp?

  • Part No.XSMG92D
    ManufacturerSUNLED
    Size219 Kbytes
    Pages3 pages
    DescriptionLow power consumption
    Datasheet Summary with AI

    # XSMG92D 3.6mm Side Look Lamp

    ## Features
    ️· Radial / Through hole package
    ️· Reliable & robust
    ️· Low power consumption
    ️· Available on tape and reel
    ️· RoHS Compliant

    ## Absolute Maximum Ratings (TA=25°C)
    ️· Reverse Voltage (VR): 5V
    ️· Forward Current (IF): 25mA
    ️· Forward Current (Peak) (1/10 Duty Cycle, 0.1ms Pulse Width): 140mA
    ️· Power Dissipation (PD): 62.5mW
    ️· Operating Temperature (TA): -40 ~ +85°C
    ️· Storage Temperature (Tstg): -40 ~ +85°C
    ️· Lead Solder Temperature (2mm below package base): 260°C for 3 seconds
    ️· Lead Solder Temperature (5mm below package base): 260°C for 5 seconds

    ## Electrical/Optical Characteristics (TA=25°C)
    ️· Forward Voltage (IF=20mA): 2.2V (Typ.), 2.5V (Max.)
    ️· Reverse Current (VR=5V): 10uA
    ️· Peak Emission Wavelength (λP): 565nm
    ️· Dominant Emission Wavelength (λD): 568nm
    ️· Spectral Line Full Width at Half-Maximum (Δλ): 30nm
    ️· Capacitance (VF=0V, f=1MHz): 15pF

    ## Part Details
    ️· Part Number: XSMG92D
    ️· Emitting Color: Green
    ️· Emitting Material: GaP
    ️· Lens-color: Diffused
    ️· Viewing Angle: 70°
    ️· Luminous Intensity: (IF=20mA): Not Specified

    ## Sorting Accuracy (If Required)
    ️· Wavelength: +/- 1nm
    ️· Luminous Intensity / Luminous Flux: +/- 15%
    ️· Forward Voltage: +/- 0.1V

    ## Terms of Use
    ️· Data is statistical and for reference only.
    ️· Specifications subject to change without notice.
    ️· Product designed for use within datasheet specifications.
    ️· Not intended for life-reliant applications.
    ️· Contents cannot be altered without prior consent.
    ️· Additional technical notes at: http://www.SunLEDusa.com/TechnicalNotes.asp

    # XSMG92D 3.6mm Side Look Lamp

    ## Features
    ️· Radial / Through hole package
    ️· Reliable & robust
    ️· Low power consumption
    ️· Available on tape and reel
    ️· RoHS Compliant

    ## Absolute Maximum Ratings (TA=25°C)
    ️· Reverse Voltage (VR): 5V
    ️· Forward Current (IF): 25mA
    ️· Forward Current (Peak) (1/10 Duty Cycle, 0.1ms Pulse Width): 140mA
    ️· Power Dissipation (PD): 62.5mW
    ️· Operating Temperature (TA): -40 ~ +85°C
    ️· Storage Temperature (Tstg): -40 ~ +85°C
    ️· Lead Solder Temperature (2mm below package base): 260°C for 3 seconds
    ️· Lead Solder Temperature (5mm below package base): 260°C for 5 seconds

    ## Electrical/Optical Characteristics (TA=25°C)
    ️· Forward Voltage (IF=20mA): 2.2V (Typ.), 2.5V (Max.)
    ️· Reverse Current (VR=5V): 10uA
    ️· Peak Emission Wavelength (λP): 565nm
    ️· Dominant Emission Wavelength (λD): 568nm
    ️· Spectral Line Full Width at Half-Maximum (Δλ): 30nm
    ️· Capacitance (VF=0V, f=1MHz): 15pF

    ## Part Details
    ️· Part Number: XSMG92D
    ️· Emitting Color: Green
    ️· Emitting Material: GaP
    ️· Lens-color: Diffused
    ️· Viewing Angle: 70°
    ️· Luminous Intensity: (IF=20mA): Not Specified

    ## Sorting Accuracy (If Required)
    ️· Wavelength: +/- 1nm
    ️· Luminous Intensity / Luminous Flux: +/- 15%
    ️· Forward Voltage: +/- 0.1V

    ## Terms of Use
    ️· Data is statistical and for reference only.
    ️· Specifications subject to change without notice.
    ️· Product designed for use within datasheet specifications.
    ️· Not intended for life-reliant applications.
    ️· Contents cannot be altered without prior consent.
    ️· Additional technical notes at: http://www.SunLEDusa.com/TechnicalNotes.asp

    Part No.XSMG92D
    ManufacturerSUNLED
    Size219 Kbytes
    Pages3 pages
    DescriptionLow power consumption