| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about XSMDK43MB Datasheet
# Example questions:
➢ What is the maximum forward current permissible for the xsmdk43mb led?
➢ What is the typical viewing angle for the xsmdk43mb led, as measured by 2θ 1/2?
➢ What accuracy can be expected when sorting these leds based on forward voltage?
# XSMDK43MB 3.0x3.0mm ICE CUBE LED
## Features
· Package: Radial / Through hole
· Robust & Reliable
· Low Power Consumption
· Available on tape and reel
· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
· Reverse Voltage (VR): 5V
· Forward Current (IF): 30mA
· Peak Forward Current (iFS): 185mA (1/10 duty cycle, 0.1ms pulse)
· Power Dissipation (PD): 75mW
· Operating Temperature (TA): -40 ~ +85°C
· Storage Temperature (Tstg): -40 ~ +85°C
· Lead Solder Temperature: 260°C for 3-5 seconds (depending on distance from package base)
## Operating Characteristics (TA=25°C)
· Forward Voltage (VF): 1.95V (Typ.), 2.5V (Max.) @ IF=20mA
· Reverse Current (IR): 10uA (Max.) @ VR=5V
· Peak Emission Wavelength (λP): 645nm (Typ.) @ IF=20mA
· Dominant Emission Wavelength (λD): 630nm (Typ.) @ IF=20mA
· Spectral Line Full Width (△λ): 28nm (Typ.) @ IF=20mA
· Capacitance (C): 35pF (Typ.) @ VF=0V, f=1MHz
## Part Details
· Part Number: XSMDK43MB
· Emitting Color: Red
· Emitting Material: AlGaInP
· Lens Color: White, Triple Diffused
· Viewing Angle: 140°
· Luminous Intensity: Value per CIE127-2007 standards.
## Sorting Accuracy
· Wavelength: +/- 1nm
· Luminous Intensity/Flux: +/- 15%
· Forward Voltage: +/- 0.1V
## Terms of Use
· Data is statistical reference only.
· Specifications subject to change.
· Product intended for general electronic applications.
· Consult SunLED for safety-critical applications.
· Technical notes available at http://www.SunLEDusa.com/TechnicalNotes.asp
# XSMDK43MB 3.0x3.0mm ICE CUBE LED
## Features
· Package: Radial / Through hole
· Robust & Reliable
· Low Power Consumption
· Available on tape and reel
· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
· Reverse Voltage (VR): 5V
· Forward Current (IF): 30mA
· Peak Forward Current (iFS): 185mA (1/10 duty cycle, 0.1ms pulse)
· Power Dissipation (PD): 75mW
· Operating Temperature (TA): -40 ~ +85°C
· Storage Temperature (Tstg): -40 ~ +85°C
· Lead Solder Temperature: 260°C for 3-5 seconds (depending on distance from package base)
## Operating Characteristics (TA=25°C)
· Forward Voltage (VF): 1.95V (Typ.), 2.5V (Max.) @ IF=20mA
· Reverse Current (IR): 10uA (Max.) @ VR=5V
· Peak Emission Wavelength (λP): 645nm (Typ.) @ IF=20mA
· Dominant Emission Wavelength (λD): 630nm (Typ.) @ IF=20mA
· Spectral Line Full Width (△λ): 28nm (Typ.) @ IF=20mA
· Capacitance (C): 35pF (Typ.) @ VF=0V, f=1MHz
## Part Details
· Part Number: XSMDK43MB
· Emitting Color: Red
· Emitting Material: AlGaInP
· Lens Color: White, Triple Diffused
· Viewing Angle: 140°
· Luminous Intensity: Value per CIE127-2007 standards.
## Sorting Accuracy
· Wavelength: +/- 1nm
· Luminous Intensity/Flux: +/- 15%
· Forward Voltage: +/- 0.1V
## Terms of Use
· Data is statistical reference only.
· Specifications subject to change.
· Product intended for general electronic applications.
· Consult SunLED for safety-critical applications.
· Technical notes available at http://www.SunLEDusa.com/TechnicalNotes.asp
| Part No. | XSMDK43MB |
| Manufacturer | SUNLED |
| Size | 229 Kbytes |
| Pages | 3 pages |
| Description | Low power consumption |