công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN701 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AN701 Datasheet

  • # Example questions: ➢ What range of capacitance is suggested for electrolytic and ceramic capacitors, and what are their respective roles?
    ➢ What is the difference in delay times between the current mode comparator and the peak current limiting comparator, and why is this difference important?
    ➢ What is the primary purpose of the leading-edge blanking/suppression feature in the si9114a?

  • Part No.AN701
    ManufacturerVISHAY
    Size1Mb
    Pages19 pages
    DescriptionDesigning High-Frequency DC-to-DC Converters With the Si9114A Switchmode Controller
    Datasheet Summary with AI

    # Si9114A Switchmode Controller

    ## Overview
    The Si9114A is a monolithic switchmode PWM controller designed for high-frequency DC-to-DC converters (up to 1 MHz). It builds upon the Si9100, offering reduced delay times and added features for efficient, low-power conversion. Utilizes constant frequency current mode control.

    ## Key Features
    · High-frequency operation (up to 1 MHz)
    · Constant frequency current mode control
    · Integrated power MOSFET
    · High-voltage start circuitry
    · Low power consumption
    · 50% duty cycle limitation for core reset avoidance
    · Cycle-by-cycle current limit protection
    · Fast transient response
    · Automatic input voltage feed-forward compensation
    · Shutdown pin for fast, latched termination
    · Soft-start functionality to reduce component stress
    · Oscillator synchronization capability

    ## Startup Circuit
    · Uses a depletion mode MOSFET for startup, avoiding large capacitors.
    · Operates initially with the depletion transistor on, charging VCC to 9.2V.
    · Transformer provides power to VCC once it reaches 9.2V, turning off the depletion MOSFET.

    ## Shutdown
    · Fast latched shutdown (300ns delay).
    · Can be reset via UVLO or by momentarily dropping VCC below the UVLO threshold.
    · Includes internal pull-up resistor on the shutdown pin.

    ## Reference Voltage
    · Buffered band gap type, sourcing up to 5mA.
    · Requires external decoupling (100nF ceramic or small tantalum).

    ## Error Amplifier
    · PMOS input, folded cascade gain stage.
    · 77dB open loop gain, 2.7 MHz unity gain bandwidth.
    · Requires a 100pF bypass capacitor from NINV to Comp.

    ## Soft-Start
    · Clamps the error amplifier output, charging an external capacitor (CSS) linearly to 4.6V.
    · Reduces inrush current and component stress.

    ## Oscillator
    · External timing components (RT, CT) set the frequency.
    · Includes divide-by-two circuitry.
    · SYNC pin allows for external clock synchronization.

    ## Current Sense
    · Uses current mode control with scaled inductor current sampling.
    · Requires careful filtering to eliminate spikes and noise.
    · Built-in leading-edge blanking/suppression.

    ## Power Supply Considerations
    · Requires well-decoupled power supply pins (VCC, -VIN).
    · Electrolytic and ceramic capacitors recommended for decoupling.
    · Gate drive requirements for the power MOSFET should be considered.

    # Si9114A Switchmode Controller

    ## Overview
    The Si9114A is a monolithic switchmode PWM controller designed for high-frequency DC-to-DC converters (up to 1 MHz). It builds upon the Si9100, offering reduced delay times and added features for efficient, low-power conversion. Utilizes constant frequency current mode control.

    ## Key Features
    · High-frequency operation (up to 1 MHz)
    · Constant frequency current mode control
    · Integrated power MOSFET
    · High-voltage start circuitry
    · Low power consumption
    · 50% duty cycle limitation for core reset avoidance
    · Cycle-by-cycle current limit protection
    · Fast transient response
    · Automatic input voltage feed-forward compensation
    · Shutdown pin for fast, latched termination
    · Soft-start functionality to reduce component stress
    · Oscillator synchronization capability

    ## Startup Circuit
    · Uses a depletion mode MOSFET for startup, avoiding large capacitors.
    · Operates initially with the depletion transistor on, charging VCC to 9.2V.
    · Transformer provides power to VCC once it reaches 9.2V, turning off the depletion MOSFET.

    ## Shutdown
    · Fast latched shutdown (300ns delay).
    · Can be reset via UVLO or by momentarily dropping VCC below the UVLO threshold.
    · Includes internal pull-up resistor on the shutdown pin.

    ## Reference Voltage
    · Buffered band gap type, sourcing up to 5mA.
    · Requires external decoupling (100nF ceramic or small tantalum).

    ## Error Amplifier
    · PMOS input, folded cascade gain stage.
    · 77dB open loop gain, 2.7 MHz unity gain bandwidth.
    · Requires a 100pF bypass capacitor from NINV to Comp.

    ## Soft-Start
    · Clamps the error amplifier output, charging an external capacitor (CSS) linearly to 4.6V.
    · Reduces inrush current and component stress.

    ## Oscillator
    · External timing components (RT, CT) set the frequency.
    · Includes divide-by-two circuitry.
    · SYNC pin allows for external clock synchronization.

    ## Current Sense
    · Uses current mode control with scaled inductor current sampling.
    · Requires careful filtering to eliminate spikes and noise.
    · Built-in leading-edge blanking/suppression.

    ## Power Supply Considerations
    · Requires well-decoupled power supply pins (VCC, -VIN).
    · Electrolytic and ceramic capacitors recommended for decoupling.
    · Gate drive requirements for the power MOSFET should be considered.

    Part No.AN701
    ManufacturerVISHAY
    Size1Mb
    Pages19 pages
    DescriptionDesigning High-Frequency DC-to-DC Converters With the Si9114A Switchmode Controller