| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STEVAL-ISB039V1T Datasheet
# Example questions:
➢ How does the steval-isb039v1t monitor the temperature of the transmitting coil?
➢ Which communication protocol is used for data exchange in this wireless power transmitter?
➢ What is the maximum power output this wireless power transmitter can achieve?
# STEVAL-ISB039V1T
## 1 W Wireless Power Transmitter
Data brief
Features
️· Core: ARM® 32-bit Cortex®-M0 with 32 Kbytes Flash, 48 MHz CPU
️· Output Power: 1 W (adjustable up to 2.5 W)
️· Communication Protocol: WPC 1.1
️· Architecture: High efficiency N-channel Half Bridge with adaptive dead-time control
️· Demodulation: Synchronous digital demodulation of power carrier
️· Coil Support: Standard or enhanced power transmitter coil
️· Temperature Monitoring: Coil temperature monitoring via NTC
️· Customization: Open MCU firmware available
️· Connectivity: Built-in USB connector for input supply
️· Compliance: RoHS compliant
Description
The STEVAL-ISB039V1T is a wireless power transmitter based on the STM32F0 microcontroller. It's designed for small systems requiring easy recharging up to 1W. The transmitter generates an alternating electromagnetic field between two planar coils. A built-in USB connector supplies power, and a SWD debugger connector allows monitoring of parameters like battery level, power transmission, efficiency, and receiver identification. The firmware is a single, platform-independent library for customization.
Schematic Diagrams
️· Circuit schematics are available in three parts (Figure 1, Figure 2, Figure 3)
Revision History
️· August 5, 2016 - Version 1: Initial release.
# STEVAL-ISB039V1T
## 1 W Wireless Power Transmitter
Data brief
Features
️· Core: ARM® 32-bit Cortex®-M0 with 32 Kbytes Flash, 48 MHz CPU
️· Output Power: 1 W (adjustable up to 2.5 W)
️· Communication Protocol: WPC 1.1
️· Architecture: High efficiency N-channel Half Bridge with adaptive dead-time control
️· Demodulation: Synchronous digital demodulation of power carrier
️· Coil Support: Standard or enhanced power transmitter coil
️· Temperature Monitoring: Coil temperature monitoring via NTC
️· Customization: Open MCU firmware available
️· Connectivity: Built-in USB connector for input supply
️· Compliance: RoHS compliant
Description
The STEVAL-ISB039V1T is a wireless power transmitter based on the STM32F0 microcontroller. It's designed for small systems requiring easy recharging up to 1W. The transmitter generates an alternating electromagnetic field between two planar coils. A built-in USB connector supplies power, and a SWD debugger connector allows monitoring of parameters like battery level, power transmission, efficiency, and receiver identification. The firmware is a single, platform-independent library for customization.
Schematic Diagrams
️· Circuit schematics are available in three parts (Figure 1, Figure 2, Figure 3)
Revision History
️· August 5, 2016 - Version 1: Initial release.
| Part No. | STEVAL-ISB039V1T |
| Manufacturer | STMICROELECTRONICS |
| Size | 394 Kbytes |
| Pages | 6 pages |
| Description | 1 W Wireless power transmitter based on STM32F0 |