công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCH5-050EU Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DCH5-050EU Datasheet

  • # Example questions: ➢ What safety certifications does this power supply have?
    ➢ What is the maximum output power of the dch5-050us model?
    ➢ What is the input voltage range for this power supply?

  • Part No.DCH5-050EU
    ManufacturerARTESYN
    Size1Mb
    Pages4 pages
    DescriptionDCH5 Series 5 Watts
    Datasheet Summary with AI

    # DCH5 Series Power Supply

    ## General Information
    ️· Power: 5 Watts
    ️· Input Voltage: 100 - 240 Vac
    ️· # of Outputs: Single
    ️· Energy Star Efficiency Level: V
    ️· Warranty: 2 years
    ️· Weight: 0.144 lb./0.066kg

    ## Features

    ️· USB Switching Wallmount Power Supply
    ️· Universal AC Input
    ️· Available in various country AC plugs
    ️· CE Mark EMC & LVD & ErP 2011
    ️· Regulated output
    ️· Overload and short circuit protection
    ️· Constant voltage, constant current
    ️· Eup compliant
    ️· Built-in EMI filter (CISPR 22 Class B)
    ️· Cableless with USB-A receptacle

    ## Electrical Specifications
    ️· Input Range: 100 - 240 Vac
    ️· Frequency: 47 - 63 Hz
    ️· Output Voltage (Vo): 5 V (4.75 - 5.25 V)
    ️· Maximum Power (Po): 5 W
    ️· Hold-up Time: 10 ms typical
    ️· Overvoltage Protection: 7 V max (latching)
    ️· Overload Protection: Auto-recover, 110-150% above max rating
    ️· Connector Pinout: Pin 1 (+V), Pins 2 & 3 (connected), Pin 4 (Ground)

    ## Environmental Specifications
    ️· Operating Temperature: 0° to 40 °C
    ️· Storage Temperature: -20 °C to +70 °C

    ## Ordering Information (Example Models)
    ️· DCH5-050US: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050EU: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050UK: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050AU: 5 W, 5 V output, 200 mV ripple

    ## Pin Assignments
    ️· Pin 1: +V output
    ️· Pins 2 & 3: Connected
    ️· Pin 4: Ground

    ## Dimensions (Approximate, Varies by Model)
    ️· Refer to mechanical drawings for specific model dimensions.

    # DCH5 Series Power Supply

    ## General Information
    ️· Power: 5 Watts
    ️· Input Voltage: 100 - 240 Vac
    ️· # of Outputs: Single
    ️· Energy Star Efficiency Level: V
    ️· Warranty: 2 years
    ️· Weight: 0.144 lb./0.066kg

    ## Features

    ️· USB Switching Wallmount Power Supply
    ️· Universal AC Input
    ️· Available in various country AC plugs
    ️· CE Mark EMC & LVD & ErP 2011
    ️· Regulated output
    ️· Overload and short circuit protection
    ️· Constant voltage, constant current
    ️· Eup compliant
    ️· Built-in EMI filter (CISPR 22 Class B)
    ️· Cableless with USB-A receptacle

    ## Electrical Specifications
    ️· Input Range: 100 - 240 Vac
    ️· Frequency: 47 - 63 Hz
    ️· Output Voltage (Vo): 5 V (4.75 - 5.25 V)
    ️· Maximum Power (Po): 5 W
    ️· Hold-up Time: 10 ms typical
    ️· Overvoltage Protection: 7 V max (latching)
    ️· Overload Protection: Auto-recover, 110-150% above max rating
    ️· Connector Pinout: Pin 1 (+V), Pins 2 & 3 (connected), Pin 4 (Ground)

    ## Environmental Specifications
    ️· Operating Temperature: 0° to 40 °C
    ️· Storage Temperature: -20 °C to +70 °C

    ## Ordering Information (Example Models)
    ️· DCH5-050US: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050EU: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050UK: 5 W, 5 V output, 200 mV ripple
    ️· DCH5-050AU: 5 W, 5 V output, 200 mV ripple

    ## Pin Assignments
    ️· Pin 1: +V output
    ️· Pins 2 & 3: Connected
    ️· Pin 4: Ground

    ## Dimensions (Approximate, Varies by Model)
    ️· Refer to mechanical drawings for specific model dimensions.

    Part No.DCH5-050EU
    ManufacturerARTESYN
    Size1Mb
    Pages4 pages
    DescriptionDCH5 Series 5 Watts