công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4839 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM4839 Datasheet

  • # Example questions: ➢ The text provides equations for calculating maximum power dissipation. if you are designing a system with a 5v supply, a 4ω load, and are using the lm4839mte package, what is the maximum allowable ambient temperature to prevent exceeding the junction temperature limit?
    ➢ Explain how increasing the copper area around the lm4839 package helps manage thermal performance, referencing relevant thermal impedance terms.
    ➢ What is the primary advantage of using a bridge configuration (like the lm4839's output stage) compared to a single-ended amplifier configuration?

  • Part No.LM4839
    ManufacturerNSC
    Size1Mb
    Pages34 pages
    DescriptionStereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
    Datasheet Summary with AI

    1. Introduction: Exposed-DAP Packaging & Thermal Considerations

    ️· The Problem: Driving audio loads (especially low impedance loads like 3Ω or 4Ω speakers) generates a lot of heat. This heat needs to be managed to prevent the LM4839 chips from overheating and shutting down (thermal shutdown).
    ️· Exposed-DAP Packaging: The LM4839 is designed with an "exposed-DAP" package. This means the die (the silicon chip itself) is directly exposed to the PCB (printed circuit board). This allows for much better heat dissipation than a standard package.
    ️· Thermal Management: The datasheet stresses the importance of:
    - Large Copper Areas: You need significant copper area on the PCB connected to the LM4839's die to act as a heat sink. The larger the area, the better the heat dissipation. 5 square inches for inner layer copper, 2.5 inches for PCB surface copper.
    - Forced Air Cooling (Fans): Fans significantly improve heat removal, allowing for higher power output.
    - Maximum Junction Temperature (Tj): The critical temperature limit is 150°C. You MUST keep the junction temperature below this to avoid thermal shutdown.
    - Power De-rating Curve: This curve shows how the maximum power dissipation decreases as the ambient temperature rises. Consult it to ensure safe operation.

    2. PCB Layout and Supply Regulation

    ️· Trace Resistance: The resistance of the PCB traces connecting the amplifier output to the speaker load causes a voltage drop, reducing the power delivered to the speaker. Wider traces minimize this loss.
    ️· Supply Regulation: A poorly regulated power supply can reduce the amplifier's output power. It's crucial to have a stable, well-regulated power supply.
    ️· Trace Width Importance: Make traces connecting outputs to load as wide as possible

    3. Bridge Configuration Explanation

    ️· Bridged Output: The LM4839's output is designed to be used in a "bridge" configuration. This significantly increases the power output compared to a single-ended amplifier.
    ️· Differential Gain: The bridge configuration allows for a "differential gain" that doubles the output voltage swing.
    ️· Benefits of Bridge Mode:
    - Increased Power: Four times the output power compared to a single-ended amplifier.
    - No Coupling Capacitor: Eliminates the need for an output coupling capacitor, which simplifies the circuit.
    - No DC Voltage Across Load: Prevents DC voltage from being applied to the speaker.

    4. Power Dissipation Calculations

    ️· Key Equations: Several equations are provided to calculate power dissipation. These allow you to determine:
    - Maximum power dissipation (Pdmax) for single-ended and bridge configurations.
    - Maximum ambient temperature (Ta) that allows safe operation based on the junction temperature (Tj) and thermal resistance (θJA).
    ️· Thermal Resistance (θJA): This is a critical factor that depends on the package type (LQ, MTE, MT) and the size of the copper area connected to the die. Larger copper area means lower thermal resistance and better heat dissipation.
    ️· Equation to Calculate Ambient Temperature:
    - `Ta = Tjmax - (Pdmax * θJA)` (Allows calculation of the maximum ambient temperature for safe operation)
    ️· Duty Cycle: Higher ambient temperatures are allowed as output power or duty cycle decreases.

    5. Power Supply Bypassing

    ️· Not expanded in this summary, but the datasheet provides recommendations for proper power supply bypassing to ensure stability and minimize noise.

    Key Terms & Concepts

    ️· Junction Temperature (Tj): The temperature of the silicon die inside the LM4839. This is the critical temperature to control.
    ️· Ambient Temperature (Ta): The temperature of the surrounding environment.
    ️· Thermal Resistance (θJA): A measure of how effectively heat is dissipated from the chip to the surrounding environment. Lower values are better.
    ️· θJC: Junction-to-Case thermal resistance.
    ️· θCS: Case-to-Sink thermal resistance.
    ️· θSA: Sink-to-Ambient thermal resistance.
    ️· Pdmax: Maximum power dissipation.
    ️· DAP: Directly Attached Package - a package design allowing better heat transfer.
    ️· Duty Cycle: The percentage of time the amplifier is delivering power.



    Important Notes:

    ️· Read the full datasheet: This summary is a high-level overview. Always refer to the complete LM4839 datasheet for detailed specifications and design guidelines.
    ️· Thermal Simulation: For critical applications, consider using thermal simulation software to accurately predict the chip's operating temperature.
    ️· Experimental Verification: It's always a good idea to experimentally verify the design's thermal performance.

    1. Introduction: Exposed-DAP Packaging & Thermal Considerations

    ️· The Problem: Driving audio loads (especially low impedance loads like 3Ω or 4Ω speakers) generates a lot of heat. This heat needs to be managed to prevent the LM4839 chips from overheating and shutting down (thermal shutdown).
    ️· Exposed-DAP Packaging: The LM4839 is designed with an "exposed-DAP" package. This means the die (the silicon chip itself) is directly exposed to the PCB (printed circuit board). This allows for much better heat dissipation than a standard package.
    ️· Thermal Management: The datasheet stresses the importance of:
    - Large Copper Areas: You need significant copper area on the PCB connected to the LM4839's die to act as a heat sink. The larger the area, the better the heat dissipation. 5 square inches for inner layer copper, 2.5 inches for PCB surface copper.
    - Forced Air Cooling (Fans): Fans significantly improve heat removal, allowing for higher power output.
    - Maximum Junction Temperature (Tj): The critical temperature limit is 150°C. You MUST keep the junction temperature below this to avoid thermal shutdown.
    - Power De-rating Curve: This curve shows how the maximum power dissipation decreases as the ambient temperature rises. Consult it to ensure safe operation.

    2. PCB Layout and Supply Regulation

    ️· Trace Resistance: The resistance of the PCB traces connecting the amplifier output to the speaker load causes a voltage drop, reducing the power delivered to the speaker. Wider traces minimize this loss.
    ️· Supply Regulation: A poorly regulated power supply can reduce the amplifier's output power. It's crucial to have a stable, well-regulated power supply.
    ️· Trace Width Importance: Make traces connecting outputs to load as wide as possible

    3. Bridge Configuration Explanation

    ️· Bridged Output: The LM4839's output is designed to be used in a "bridge" configuration. This significantly increases the power output compared to a single-ended amplifier.
    ️· Differential Gain: The bridge configuration allows for a "differential gain" that doubles the output voltage swing.
    ️· Benefits of Bridge Mode:
    - Increased Power: Four times the output power compared to a single-ended amplifier.
    - No Coupling Capacitor: Eliminates the need for an output coupling capacitor, which simplifies the circuit.
    - No DC Voltage Across Load: Prevents DC voltage from being applied to the speaker.

    4. Power Dissipation Calculations

    ️· Key Equations: Several equations are provided to calculate power dissipation. These allow you to determine:
    - Maximum power dissipation (Pdmax) for single-ended and bridge configurations.
    - Maximum ambient temperature (Ta) that allows safe operation based on the junction temperature (Tj) and thermal resistance (θJA).
    ️· Thermal Resistance (θJA): This is a critical factor that depends on the package type (LQ, MTE, MT) and the size of the copper area connected to the die. Larger copper area means lower thermal resistance and better heat dissipation.
    ️· Equation to Calculate Ambient Temperature:
    - `Ta = Tjmax - (Pdmax * θJA)` (Allows calculation of the maximum ambient temperature for safe operation)
    ️· Duty Cycle: Higher ambient temperatures are allowed as output power or duty cycle decreases.

    5. Power Supply Bypassing

    ️· Not expanded in this summary, but the datasheet provides recommendations for proper power supply bypassing to ensure stability and minimize noise.

    Key Terms & Concepts

    ️· Junction Temperature (Tj): The temperature of the silicon die inside the LM4839. This is the critical temperature to control.
    ️· Ambient Temperature (Ta): The temperature of the surrounding environment.
    ️· Thermal Resistance (θJA): A measure of how effectively heat is dissipated from the chip to the surrounding environment. Lower values are better.
    ️· θJC: Junction-to-Case thermal resistance.
    ️· θCS: Case-to-Sink thermal resistance.
    ️· θSA: Sink-to-Ambient thermal resistance.
    ️· Pdmax: Maximum power dissipation.
    ️· DAP: Directly Attached Package - a package design allowing better heat transfer.
    ️· Duty Cycle: The percentage of time the amplifier is delivering power.



    Important Notes:

    ️· Read the full datasheet: This summary is a high-level overview. Always refer to the complete LM4839 datasheet for detailed specifications and design guidelines.
    ️· Thermal Simulation: For critical applications, consider using thermal simulation software to accurately predict the chip's operating temperature.
    ️· Experimental Verification: It's always a good idea to experimentally verify the design's thermal performance.

    Part No.LM4839
    ManufacturerNSC
    Size1Mb
    Pages34 pages
    DescriptionStereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux