công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.LM393DMR2G
MfrONSEMI
Size118 Kbytes
Pages10 pages
DescriptionLow Offset Voltage Dual Comparators
Datasheet SummaryAI
Overall Description:

This document is a comprehensive datasheet for several variations of dual operational amplifiers (op-amps) manufactured by On Semiconductor (formerly Motorola). Specifically, it covers the LM293, LM393, LM2903, LM2903V and NCV2903 series. These are commonly used, general-purpose op-amps.

Key Information Sections:

️· Device Overview: The document lists the different device variations available, including operating temperature ranges and package options (PDIP, SOIC, Micro8).
️· Electrical Characteristics: This section provides detailed specifications of the op-amp's performance, such as supply voltage range, input offset voltage, input bias current, gain-bandwidth product, slew rate, etc. Different specifications are given for different temperature ranges.
️· Functional Diagrams: Shows the basic circuit configuration.
️· Typical Applications: Suggests common uses for the op-amps.
️· Package Dimensions: Detailed measurements for each available package type (PDIP-8), conforming to industry standards.
️· Ordering Information: Lists the part numbers for various options, specifying temperature range, package, and shipping method (tape & reel or rail).
️· Marking Diagram: Explains the symbols printed on the device package to identify the specific part number and manufacturing details.
️· Revision History: Indicates changes made to the document over time.
️· Disclaimer: Standard legal disclaimers regarding product use and liability.

Specific Device Variations Covered:

️· LM293: A dual operational amplifier, popular for its versatility.
️· LM393: A dual operational amplifier.
️· LM2903: A dual operational amplifier with a wider temperature range.
️· LM2903V: A dual operational amplifier with an extended temperature range.
️· NCV2903: An automotive-qualified version of the LM2903.

Important Highlights:

️· Automotive Qualification: The NCV2903 is specifically designed for automotive applications and meets AEC-Q100 standards.
️· Package Options: The op-amps are available in various packages to suit different needs.
️· Temperature Range: The devices have different operating temperature ranges, with some designed for extreme environments.
LM393DMR2G Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393DMR2G Datasheet.
    Example questions: ➤ What are the available shipping options for the lm2903dr2g device?➤ What does aec-q100 qualification signify regarding the ncv2903dr2g device as described in the ordering information?➤ Referring to the pdip-8 package dimensions drawing, what is the maximum allowed length (l) for this package in millimeters?
  • Datasheet Details
    Part No.LM393DMR2G
    ManufacturerONSEMI
    Size118 Kbytes
    Pages10 pages
    DescriptionLow Offset Voltage Dual Comparators
    Datasheet Summary AI Expand summary
    Overall Description:

    This document is a comprehensive datasheet for several variations of dual operational amplifiers (op-amps) manufactured by On Semiconductor (formerly Motorola). Specifically, it covers the LM293, LM393, LM2903, LM2903V and NCV2903 series. These are commonly used, general-purpose op-amps.

    Key Information Sections:

    ️· Device Overview: The document lists the different device variations available, including operating temperature ranges and package options (PDIP, SOIC, Micro8).
    ️· Electrical Characteristics: This section provides detailed specifications of the op-amp's performance, such as supply voltage range, input offset voltage, input bias current, gain-bandwidth product, slew rate, etc. Different specifications are given for different temperature ranges.
    ️· Functional Diagrams: Shows the basic circuit configuration.
    ️· Typical Applications: Suggests common uses for the op-amps.
    ️· Package Dimensions: Detailed measurements for each available package type (PDIP-8), conforming to industry standards.
    ️· Ordering Information: Lists the part numbers for various options, specifying temperature range, package, and shipping method (tape & reel or rail).
    ️· Marking Diagram: Explains the symbols printed on the device package to identify the specific part number and manufacturing details.
    ️· Revision History: Indicates changes made to the document over time.
    ️· Disclaimer: Standard legal disclaimers regarding product use and liability.

    Specific Device Variations Covered:

    ️· LM293: A dual operational amplifier, popular for its versatility.
    ️· LM393: A dual operational amplifier.
    ️· LM2903: A dual operational amplifier with a wider temperature range.
    ️· LM2903V: A dual operational amplifier with an extended temperature range.
    ️· NCV2903: An automotive-qualified version of the LM2903.

    Important Highlights:

    ️· Automotive Qualification: The NCV2903 is specifically designed for automotive applications and meets AEC-Q100 standards.
    ️· Package Options: The op-amps are available in various packages to suit different needs.
    ️· Temperature Range: The devices have different operating temperature ranges, with some designed for extreme environments.