| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LTC1052 Datasheet
# Example questions:
➢ What is the difference in operating temperature range between the ltc1052c and the ltc1052m?
➢ What is the peak-to-peak equivalent input noise voltage at a frequency of 1 hz, given a source resistance (rs) of 100kω?
➢ What is the typical slew rate of the ltc1052 when rl = 10kω and cl = 50pf?
# LTC1052A Operational Amplifier
## Description
The LTC1052A is a low-noise, chopper-stabilized operational amplifier manufactured using CMOS silicon-gate technology. It is suitable for applications like thermocouple amplifiers, strain-gauge amplifiers, low-level signal processing, and medical instrumentation. Chopper stabilization corrects input offset voltage errors, and the device features low-frequency noise improvement. Available in both standard and military temperature ranges.
## Key Features
️· Low Noise
️· Chopper Stabilization
️· Single-Supply Operation (4.75V to 16V)
️· Wide Operating Temperature Range (-40°C to 85°C / -55°C to 125°C)
## Electrical Characteristics
️· Input Offset Voltage: 5 µV Max (at 25°C)
️· Input Bias Current: 30 pA Max (at 25°C)
️· Differential Voltage Amplification: 120 dB Min
️· Common-Mode Rejection Ratio: 120 dB Min
️· Supply Voltage Rejection Ratio: 120 dB Min
️· Gain Bandwidth Product: 1.2 MHz
️· Equivalent Input Noise Voltage: 1.5 µV (at 10Hz with 100kΩ Rs)
## Absolute Maximum Ratings
️· Supply Voltage (VDD+): 8V
️· Supply Voltage (VDD-): -8V
️· Input Voltage Range: ±16V
## Package Options
️· Small Outline (D)
️· Plastic Dip (P)
# LTC1052A Operational Amplifier
## Description
The LTC1052A is a low-noise, chopper-stabilized operational amplifier manufactured using CMOS silicon-gate technology. It is suitable for applications like thermocouple amplifiers, strain-gauge amplifiers, low-level signal processing, and medical instrumentation. Chopper stabilization corrects input offset voltage errors, and the device features low-frequency noise improvement. Available in both standard and military temperature ranges.
## Key Features
️· Low Noise
️· Chopper Stabilization
️· Single-Supply Operation (4.75V to 16V)
️· Wide Operating Temperature Range (-40°C to 85°C / -55°C to 125°C)
## Electrical Characteristics
️· Input Offset Voltage: 5 µV Max (at 25°C)
️· Input Bias Current: 30 pA Max (at 25°C)
️· Differential Voltage Amplification: 120 dB Min
️· Common-Mode Rejection Ratio: 120 dB Min
️· Supply Voltage Rejection Ratio: 120 dB Min
️· Gain Bandwidth Product: 1.2 MHz
️· Equivalent Input Noise Voltage: 1.5 µV (at 10Hz with 100kΩ Rs)
## Absolute Maximum Ratings
️· Supply Voltage (VDD+): 8V
️· Supply Voltage (VDD-): -8V
️· Input Voltage Range: ±16V
## Package Options
️· Small Outline (D)
️· Plastic Dip (P)
| Part No. | LTC1052 |
| Manufacturer | TI1 |
| Size | 51 Kbytes |
| Pages | 4 pages |
| Description | CHOPPER-STABILIZED OPERATIONAL AMPLIFIER |