1. Product Overview:
️· Series: EX77 (likely indicates a product series)
️· Purpose: Industrial managed Ethernet switches designed for demanding environments.
️· Configurations: The series offers various port configurations to meet different needs:
- EX77604-0XYZ: 24-port 10/100BASE-TX + 4-port Gigabit
- EX77424-WXYZ: 16-port 10/100BASE-TX + 8-port 100BASE-FX + 4-port Gigabit
- EX77244-WXYZ: 8-port 10/100BASE-TX + 16-port 100BASE-FX + 4-port Gigabit
- EX77064-WXYZ: 24-port 100BASE-FX + 4-port Gigabit
- EX77064-V0VZ: 24-port 100BASE-SFP + 4-port Gigabit SFP Combo
2. Key Features & Specifications:
️· Fiber Options: Supports various fiber types (Multi-mode, Single-mode) for different distances (2km, 5km, 20km, 40km). Supports WDM (Wavelength Division Multiplexing) for bidirectional communication over a single fiber.
️· Gigabit Options: Supports various Gigabit Ethernet interfaces, including:
- 10/100/1000BASE-TX (standard RJ45)
- 1000BASE-SX/LX (Single Fiber)
- SFP (Small Form-factor Pluggable) for flexible connectivity
️· Power Input: Offers a variety of power options:
- 48VDC
- Universal AC Input (88-370VDC and 90-264VAC)
- Redundant Power (for increased reliability)
️· Environmental: Designed for wide temperature range (-40°C to 75°C) and harsh industrial environments.
️· Regulatory Compliance: Meets various industry standards (FCC, CE, RoHS, etc. – see detailed list in datasheet).
️· Mechanical: Rack-mountable, with dimensions provided for both single and redundant power configurations.
3. Ordering Information (Customization):
The product code (e.g., EX77604-0XYZ) is highly customizable:
️· X: Number of 10/100BASE-TX ports (0-24)
️· Y: Number of 100BASE-FX ports (0-24)
️· Z: Number of Gigabit ports (0-4)
️· W, V, or Z: Describes the type of connection ports for gigabit connections and power options.
4. Target Audience:
️· Industrial automation
️· Security systems
️· Transportation
️· Any application requiring robust, reliable network connectivity in challenging environments.
In essence, this datasheet presents a modular and flexible series of industrial Ethernet switches allowing businesses to tailor their network infrastructure to meet specific operational demands.