| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SN54HC74 Datasheet
# Example questions:
➢ What is the setup time (tsu) required for data before the clk rising edge at 4.5v for the sn74hc74?
➢ What is the maximum clock frequency for the sn74hc74 at 6v?
➢ How does the minimum pulse duration (tw) for a pre or clr low signal change between 2v and 6v for the sn54hc74?
# SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops
## Features
️· Wide Operating Voltage: 2 V to 6 V
️· Low Power Consumption: 40 µA (Max ICC)
️· Typical Propagation Delay: 15 ns
️· Output Drive: ±4 mA at 5 V
️· Very Low Input Current: 1 µA
## Description
The SNx4HC74 contains two independent D-type positive-edge-triggered flip-flops. Inputs set/reset outputs regardless of other input levels. Data at the D input transfers to the output on the positive-going edge of the CLK pulse.
## Pin Configuration
️· CLK (Clock Input)
️· CLR (Clear Input)
️· D (Data Input)
️· PRE (Preset Input)
️· Q (Output)
️· Q (Inverted Output)
️· GND (Ground)
️· VCC (Supply Voltage)
## Specifications
️· Supply Voltage (VCC): 2 V to 6 V
️· Absolute Max Rating VCC: -0.5 V to 7 V
️· Operating Temp: -55°C to +125°C (SN54HC74), -40°C to +85°C (SN74HC74)
## Timing Requirements
️· Clock Frequency (fclock): Up to 36 MHz (depending on VCC and device)
️· Pulse Width (tw) for PRE/CLR/CLK: Varies from 14ns to 150ns depending on voltage
️· Setup Time (tsu): Varies from 4ns to 40ns depending on voltage
## Package Options
️· PDIP, SO, SOIC, SSOP, TSSOP, CDIP, CFP, LCCC (various pin counts and sizes)
# SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops
## Features
️· Wide Operating Voltage: 2 V to 6 V
️· Low Power Consumption: 40 µA (Max ICC)
️· Typical Propagation Delay: 15 ns
️· Output Drive: ±4 mA at 5 V
️· Very Low Input Current: 1 µA
## Description
The SNx4HC74 contains two independent D-type positive-edge-triggered flip-flops. Inputs set/reset outputs regardless of other input levels. Data at the D input transfers to the output on the positive-going edge of the CLK pulse.
## Pin Configuration
️· CLK (Clock Input)
️· CLR (Clear Input)
️· D (Data Input)
️· PRE (Preset Input)
️· Q (Output)
️· Q (Inverted Output)
️· GND (Ground)
️· VCC (Supply Voltage)
## Specifications
️· Supply Voltage (VCC): 2 V to 6 V
️· Absolute Max Rating VCC: -0.5 V to 7 V
️· Operating Temp: -55°C to +125°C (SN54HC74), -40°C to +85°C (SN74HC74)
## Timing Requirements
️· Clock Frequency (fclock): Up to 36 MHz (depending on VCC and device)
️· Pulse Width (tw) for PRE/CLR/CLK: Varies from 14ns to 150ns depending on voltage
️· Setup Time (tsu): Varies from 4ns to 40ns depending on voltage
## Package Options
️· PDIP, SO, SOIC, SSOP, TSSOP, CDIP, CFP, LCCC (various pin counts and sizes)
| Part No. | SN54HC74 |
| Manufacturer | TI1 |
| Size | 164 Kbytes |
| Pages | 15 pages |
| Description | Dual D-Type Positive-Edge-Triggered Flip-Flops |