công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OCXOWSTD12.8MHZ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about OCXOWSTD12.8MHZ Datasheet

  • # Example questions: ➢ What are the acceptable soldering temperatures and durations for the pins of this dil 14 package?
    ➢ What is the maximum frequency this ocxo can operate at, and what output type does it provide?
    ➢ How does the frequency stability (δf/f) change across the temperature range of -40°c to +85°c when using a supply voltage of 3v?

  • Part No.OCXOWSTD12.8MHZ
    ManufacturerMICROCRYSTAL
    Size311 Kbytes
    Pages2 pages
    DescriptionHC-MOS output Up to 54 MHz stratum 3 compliant
    Datasheet Summary with AI

    # OCXOST Crystal Oscillator

    ## Overview
    ️· DIL 14 package
    ️· HC-MOS output, up to 54 MHz
    ️· Stratum 3 compliant
    ️· RoHS compliant

    ## Applications
    ️· Digital switching
    ️· Telecom transmission
    ️· Sonet / SDH / DWDM / FDM/36 / WIMAX
    ️· Airborne equipment
    ️· Instrumentation
    ️· Radio Transceiver
    ️· Battery operated systems

    ## Electrical Characteristics
    ️· Frequency Range: 10 kHz up to 54 MHz (custom frequencies available)
    ️· Standard Frequencies: 12.8, 20, 25.6, 40, 25.6, 51.2 MHz
    ️· Supply Voltage (Vdd): 3.3V or 5V
    ️· Frequency Stability:
    - 15 years, overall frequency stability < ± 4.6 ppm
    - Frequency calibration (pin 1 to GND) ≤ ± 1 ppm
    ️· Start-up Time: <5 ms
    ️· Load: 3/47 pF
    ️· Short-term stability: 5E-11 typ at 1s, Tau < 5 E-10
    ️· Phase Noise (static conditions): -100 to -145 dBc/Hz (depending on frequency)

    ## Environmental Characteristics
    ️· Storage Temperature Range: -55 to +125°C
    ️· Vibration Resistance: 10 to 2000Hz / 20g
    ️· Shock Resistance: 5000g / 0.3ms / ½ sine
    ️· Operating Temperature Range:
    - 0 to +70°C (D): < ± 280 ppb
    - -40 to +85°C (C):
    ️· Pinout:
    - Pin 1: GND
    - Pin 7: GND
    - Pin 8: Fout
    - Pin 14: Vdd

    ## Ordering Information
    ️· A unique part number (e.g., 20xxxx-EA00) is generated for each product specification.
    ️· Contact Micro Crystal for specific product configurations and ordering details.

    # OCXOST Crystal Oscillator

    ## Overview
    ️· DIL 14 package
    ️· HC-MOS output, up to 54 MHz
    ️· Stratum 3 compliant
    ️· RoHS compliant

    ## Applications
    ️· Digital switching
    ️· Telecom transmission
    ️· Sonet / SDH / DWDM / FDM/36 / WIMAX
    ️· Airborne equipment
    ️· Instrumentation
    ️· Radio Transceiver
    ️· Battery operated systems

    ## Electrical Characteristics
    ️· Frequency Range: 10 kHz up to 54 MHz (custom frequencies available)
    ️· Standard Frequencies: 12.8, 20, 25.6, 40, 25.6, 51.2 MHz
    ️· Supply Voltage (Vdd): 3.3V or 5V
    ️· Frequency Stability:
    - 15 years, overall frequency stability < ± 4.6 ppm
    - Frequency calibration (pin 1 to GND) ≤ ± 1 ppm
    ️· Start-up Time: <5 ms
    ️· Load: 3/47 pF
    ️· Short-term stability: 5E-11 typ at 1s, Tau < 5 E-10
    ️· Phase Noise (static conditions): -100 to -145 dBc/Hz (depending on frequency)

    ## Environmental Characteristics
    ️· Storage Temperature Range: -55 to +125°C
    ️· Vibration Resistance: 10 to 2000Hz / 20g
    ️· Shock Resistance: 5000g / 0.3ms / ½ sine
    ️· Operating Temperature Range:
    - 0 to +70°C (D): < ± 280 ppb
    - -40 to +85°C (C):
    ️· Pinout:
    - Pin 1: GND
    - Pin 7: GND
    - Pin 8: Fout
    - Pin 14: Vdd

    ## Ordering Information
    ️· A unique part number (e.g., 20xxxx-EA00) is generated for each product specification.
    ️· Contact Micro Crystal for specific product configurations and ordering details.

    Part No.OCXOWSTD12.8MHZ
    ManufacturerMICROCRYSTAL
    Size311 Kbytes
    Pages2 pages
    DescriptionHC-MOS output Up to 54 MHz stratum 3 compliant