# SMD High Current Shielded Choke PCHC412R8L
## Features
· Magnetically shielded construction
· Ultra-high saturation current: up to 6.0A
· Low DC resistance
· Expanded operating temperature range
· Suitable for pick and place
## Electrical Specifications
· Inductance Range: 1.0uH (additional values available)
· Tolerance: 20%
· Operating Temperature: -55°C to +125°C
· Test Frequency: 100KHz, 0.5Vdc
· Resistance to Soldering Heat:
- Pre-heat: 150°C for 1 minute
- Solder Composition: Sn/Ag3.0/Cu0.5
- Solder Temperature: 260°C ± 5°C
- Immersion Time: 10 sec. ± 1 sec.
· Saturation Current (Isat): Current at which inductance drops by 30%
· Temperature Rise: Current at which temperature rises by 40°C
## Table: PCHC412R8L-1R0M-RC
· Inductance: 1.0uH
· Tolerance: 20%
· Test Frequency: 100KHz (0.5V)
· DCR (Max/Typ): 35(32) mΩ
· Isat (Max/Typ): 6.0(6.5) A
· Irms (Max/Typ): 4.5(5.0) A
## Test Equipment
· (L): WK 3260B
· DCR: Chen HWA502
· IDC: 3260B WK & DC Bias 3265B WK
## Physical Characteristics
· Packaging: 2000 pieces per 13-inch reel
· Marking: EIA Inductance Code