công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE91103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE91103 Datasheet

  • # Example questions: ➢ What is the maximum vswr this adapter can handle?
    ➢ Within what temperature range can this adapter be operated?
    ➢ What materials are used for the inner and outer conductors of the mini smp female connector?

  • Part No.PE91103
    ManufacturerPASTERNACK
    Size252 Kbytes
    Pages3 pages
    DescriptionPrecision SMA Male to Mini SMP Female Adapter
    Datasheet Summary with AI

    # Precision SMA Male to Mini SMP Female Adapter (PE91103)

    ## Technical Specifications
    ️· Configuration: SMA Male to Mini SMP Female, Straight
    ️· Impedance: 50 Ohms (Both Connectors)
    ️· Frequency Range: DC to 26.5 GHz
    ️· Maximum VSWR: 1.2:1

    ## Mechanical Specifications
    ️· Length: 0.754 in [19.15 mm]
    ️· Width/Diameter: 0.312 in [7.92 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Operating Temperature: -55 to +125 °C

    ## Connector Details - SMA (Male)
    ️· Inner Conductor Material: Brass, Gold Plated (MIL-G-45204)
    ️· Coupling Nut Material: Passivated Stainless Steel
    ️· Hex Size: 5/16 inch
    ️· Torque: 8 in-lbs [0.9 Nm]
    ️· Body Material: Passivated Stainless Steel

    ️· Dielectric Type: PTFE

    ## Connector Details - Mini SMP (Female)
    ️· Inner Conductor Material: Beryllium Copper, Gold Plated (MIL-G-45204)
    ️· Outer Conductor Material: Beryllium Copper
    ️· Body Material: Beryllium Copper

    ## Compliance
    ️· RoHS: Compliant

    ## Additional Information
    ️· Part Number: PE91103
    ️· Availability: 99%
    ️· Website: [http://www.pasternack.com/sma-male-mini-smp-female-straight-adapter-pe91103-p.aspx](http://www.pasternack.com/sma-male-mini-smp-female-straight-adapter-pe91103-p.aspx)
    ️· CAD Drawing: Available with part number.

    # Precision SMA Male to Mini SMP Female Adapter (PE91103)

    ## Technical Specifications
    ️· Configuration: SMA Male to Mini SMP Female, Straight
    ️· Impedance: 50 Ohms (Both Connectors)
    ️· Frequency Range: DC to 26.5 GHz
    ️· Maximum VSWR: 1.2:1

    ## Mechanical Specifications
    ️· Length: 0.754 in [19.15 mm]
    ️· Width/Diameter: 0.312 in [7.92 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Operating Temperature: -55 to +125 °C

    ## Connector Details - SMA (Male)
    ️· Inner Conductor Material: Brass, Gold Plated (MIL-G-45204)
    ️· Coupling Nut Material: Passivated Stainless Steel
    ️· Hex Size: 5/16 inch
    ️· Torque: 8 in-lbs [0.9 Nm]
    ️· Body Material: Passivated Stainless Steel
    ️· Dielectric Type: PTFE

    ## Connector Details - Mini SMP (Female)
    ️· Inner Conductor Material: Beryllium Copper, Gold Plated (MIL-G-45204)
    ️· Outer Conductor Material: Beryllium Copper
    ️· Body Material: Beryllium Copper

    ## Compliance
    ️· RoHS: Compliant

    ## Additional Information
    ️· Part Number: PE91103
    ️· Availability: 99%
    ️· Website: [http://www.pasternack.com/sma-male-mini-smp-female-straight-adapter-pe91103-p.aspx](http://www.pasternack.com/sma-male-mini-smp-female-straight-adapter-pe91103-p.aspx)
    ️· CAD Drawing: Available with part number.

    Part No.PE91103
    ManufacturerPASTERNACK
    Size252 Kbytes
    Pages3 pages
    DescriptionPrecision SMA Male to Mini SMP Female Adapter