| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE44649H Datasheet
# Example questions:
➢ What materials are used for the outer conductor and its plating?
➢ What is the height of this connector, expressed in both inches and millimeters?
➢ What is the impedance, in ohms, of this fakra plug connector?
# FAKRA Plug Connector PE44649H
## Technical Specifications
Electrical
· Impedance: 50 Ohms
Mechanical
· Connector Type: F AKRA Plug
· Cable Attachment: Solder
· Body Style: Straight
· Dimensions: 0.7" L x 0.37" W x 0.43" H (17.78mm x 9.40mm x 10.92mm)
· Weight: 0.008 lbs (3.63g)
· Color: Violet
Materials & Plating
· Contact Material: Phosphor Bronze, Gold Plated
· Outer Conductor Material: Brass, Nickel Plated
· Body Material: Plastic
· Dielectric Type: PTFE
Compliance
· RoHS Compliant: Yes
## Ordering Information
· Part Number: PE44649H
· Availability: 99%
· Website: [http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649h-p.aspx](http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649h-p.aspx)
# FAKRA Plug Connector PE44649H
## Technical Specifications
Electrical
· Impedance: 50 Ohms
Mechanical
· Connector Type: F AKRA Plug
· Cable Attachment: Solder
· Body Style: Straight
· Dimensions: 0.7" L x 0.37" W x 0.43" H (17.78mm x 9.40mm x 10.92mm)
· Weight: 0.008 lbs (3.63g)
· Color: Violet
Materials & Plating
· Contact Material: Phosphor Bronze, Gold Plated
· Outer Conductor Material: Brass, Nickel Plated
· Body Material: Plastic
· Dielectric Type: PTFE
Compliance
· RoHS Compliant: Yes
## Ordering Information
· Part Number: PE44649H
· Availability: 99%
· Website: [http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649h-p.aspx](http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649h-p.aspx)
| Part No. | PE44649H |
| Manufacturer | PASTERNACK |
| Size | 287 Kbytes |
| Pages | 2 pages |
| Description | FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color |