công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U74LVC125AG-P14-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about U74LVC125AG-P14-R Datasheet

  • # Example questions: ➢ What is the maximum propagation delay (tplh) when vcc is 5v ± 0.2v?
    ➢ What is the typical maximum supply current (iq) of the u74lvc125a when vcc is 6v and all inputs are at vcc or gnd?
    ➢ What is the purpose of the 'rl' parameter in the 'test circuit and waveforms' section of the datasheet?

  • Part No.U74LVC125AG-P14-R
    ManufacturerUTC
    Size231 Kbytes
    Pages5 pages
    DescriptionQUADRUPLE BUS BUFFER GATE
    Datasheet Summary with AI

    # U74LVC125A CMOS IC
    ## Overview
    Quadruple bus buffer gate with 3-state outputs. Suitable for mixed 3.3V/5V systems.

    ## Features
    · Operation Voltage Range: 1.65~3.6V
    · Low Power Dissipation
    · Input Voltage Acceptance: Up to 5.5V

    ## Ordering Information
    · U74LVC125AG-S14-R: SOP-14, Tape Reel
    · U74LVC125AG-P14-R: TSSOP-14, Tape Reel

    ## Function Table (Per Gate)
    OE A Y
    L L L
    L H H
    H X Z

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): -0.5 to 6.5V
    · Input Voltage (VIN): -0.5 to 6.5V
    · Output Voltage (VOUT): -0.5 to VCC + 0.5V
    · Storage Temperature (TSTG): -65 to +150°C

    ## Recommended Operating Conditions
    · Supply Voltage (VCC): 1.65 - 3.6V
    · Input Voltage (VIN): 0 - 5.5V
    · Operating Temperature (TA): -40 to 125°C

    ## Static Characteristics (TA = 25°C)
    · High-Level Input Voltage (VIH): Varies with VCC (see datasheet for specific values).
    · Low-Level Input Voltage (VIL): Varies with VCC (see datasheet for specific values).
    · High-Level Output Voltage (VOH): Varies with VCC and IOH.
    · Low-Level Output Voltage (VOL): Varies with VCC and IOL.

    ## Dynamic Characteristics (TA = 25°C)
    · Propagation Delay (tPLH/tPHL): Varies with VCC (1-11.8ns).
    · Output Enable Time (tPZL/tPZH): Varies with VCC (1-13.8ns).
    · Output Disable Time (tPLZ/tPHZ): Varies with VCC (1-10.6ns).

    ## Operating Characteristics (TA = 25°C)
    · Power Dissipation Capacitance (CPD): Varies with VCC and frequency (7.4 - 15pF).

    # U74LVC125A CMOS IC
    ## Overview
    Quadruple bus buffer gate with 3-state outputs. Suitable for mixed 3.3V/5V systems.

    ## Features
    · Operation Voltage Range: 1.65~3.6V
    · Low Power Dissipation
    · Input Voltage Acceptance: Up to 5.5V

    ## Ordering Information
    · U74LVC125AG-S14-R: SOP-14, Tape Reel
    · U74LVC125AG-P14-R: TSSOP-14, Tape Reel

    ## Function Table (Per Gate)
    OE A Y
    L L L
    L H H
    H X Z

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): -0.5 to 6.5V
    · Input Voltage (VIN): -0.5 to 6.5V
    · Output Voltage (VOUT): -0.5 to VCC + 0.5V
    · Storage Temperature (TSTG): -65 to +150°C

    ## Recommended Operating Conditions
    · Supply Voltage (VCC): 1.65 - 3.6V
    · Input Voltage (VIN): 0 - 5.5V
    · Operating Temperature (TA): -40 to 125°C

    ## Static Characteristics (TA = 25°C)
    · High-Level Input Voltage (VIH): Varies with VCC (see datasheet for specific values).
    · Low-Level Input Voltage (VIL): Varies with VCC (see datasheet for specific values).
    · High-Level Output Voltage (VOH): Varies with VCC and IOH.
    · Low-Level Output Voltage (VOL): Varies with VCC and IOL.

    ## Dynamic Characteristics (TA = 25°C)
    · Propagation Delay (tPLH/tPHL): Varies with VCC (1-11.8ns).
    · Output Enable Time (tPZL/tPZH): Varies with VCC (1-13.8ns).
    · Output Disable Time (tPLZ/tPHZ): Varies with VCC (1-10.6ns).

    ## Operating Characteristics (TA = 25°C)
    · Power Dissipation Capacitance (CPD): Varies with VCC and frequency (7.4 - 15pF).

    Part No.U74LVC125AG-P14-R
    ManufacturerUTC
    Size231 Kbytes
    Pages5 pages
    DescriptionQUADRUPLE BUS BUFFER GATE