| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE91112 Datasheet
# Example questions:
➢ How does the adapter's insertion loss compare to its vswr?
➢ What materials are used for the inner and outer conductors of both connectors?
➢ What is the maximum frequency supported by this adapter?
# Precision 2.4mm Female to 2.92mm Male Right Angle Adapter (PE91112)
## Technical Specifications
️· Configuration: 2.4mm Female to 2.92mm Male, Right Angle
️· Impedance: 50 Ohms (both connectors)
️· Frequency Range: DC to 40 GHz
️· Maximum VSWR: 1.3:1
️· Maximum Insertion Loss: 0.31 dB
️· Length: 0.517 in [13.13 mm]
️· Width/Diameter: 0.47 in [11.94 mm]
## Connector Details
Connector 1 (2.4mm Female)
️· Inner Conductor: Beryllium Copper, Gold Plated (MIL-G-45204)
️· Outer Conductor: Passivated Stainless Steel (ASTM-A380)
️· Body: Passivated Stainless Steel (ASTM-A380)
️· Dielectric: PPO
Connector 2 (2.92mm Male)
️· Inner Conductor: Beryllium Copper, Gold Plated (MIL-G-45204)
️· Outer Conductor: Passivated Stainless Steel
️· Coupling Nut: Passivated Stainless Steel (ASTM-A380), 5/16 inch hex, 7 in-lbs [0.79 Nm] torque
️· Body: Passivated Stainless Steel (ASTM-A380)
️· Dielectric: PPO
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE91112
️· Availability: 99%
️· URL: [http://www.pasternack.com/2.4mm-female-2.92mm-male-right-angle-adapter-pe91112-p.aspx](http://www.pasternack.com/2.4mm-female-2.92mm-male-right-angle-adapter-pe91112-p.aspx)
️· CAD Drawing: Available (PE91112 CAD Drawing)
# Precision 2.4mm Female to 2.92mm Male Right Angle Adapter (PE91112)
## Technical Specifications
️· Configuration: 2.4mm Female to 2.92mm Male, Right Angle
️· Impedance: 50 Ohms (both connectors)
️· Frequency Range: DC to 40 GHz
️· Maximum VSWR: 1.3:1
️· Maximum Insertion Loss: 0.31 dB
️· Length: 0.517 in [13.13 mm]
️· Width/Diameter: 0.47 in [11.94 mm]
## Connector Details
Connector 1 (2.4mm Female)
️· Inner Conductor: Beryllium Copper, Gold Plated (MIL-G-45204)
️· Outer Conductor: Passivated Stainless Steel (ASTM-A380)
️· Body: Passivated Stainless Steel (ASTM-A380)
️· Dielectric: PPO
Connector 2 (2.92mm Male)
️· Inner Conductor: Beryllium Copper, Gold Plated (MIL-G-45204)
️· Outer Conductor: Passivated Stainless Steel
️· Coupling Nut: Passivated Stainless Steel (ASTM-A380), 5/16 inch hex, 7 in-lbs [0.79 Nm] torque
️· Body: Passivated Stainless Steel (ASTM-A380)
️· Dielectric: PPO
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE91112
️· Availability: 99%
️· URL: [http://www.pasternack.com/2.4mm-female-2.92mm-male-right-angle-adapter-pe91112-p.aspx](http://www.pasternack.com/2.4mm-female-2.92mm-male-right-angle-adapter-pe91112-p.aspx)
️· CAD Drawing: Available (PE91112 CAD Drawing)
| Part No. | PE91112 |
| Manufacturer | PASTERNACK |
| Size | 248 Kbytes |
| Pages | 3 pages |
| Description | Maximum Insertion Loss |