công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTM4613 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTM4613_15 Datasheet

  • # Example questions: ➢ What is the primary function of the track/ss pin, and how does it facilitate slave operation?
    ➢ What does the 'mpgm' pin do and what is explicitly cautioned against when paralleling multiple ltm4613 modules?
    ➢ Explain how utilizing an external supply to drvcc can improve efficiency, and under what circumstances this is beneficial.

  • Part No.LTM4613_15
    ManufacturerLINER
    Size520 Kbytes
    Pages28 pages
    DescriptionEN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
    Datasheet Summary with AI

    Overview

    The document describes the Linear Technology (now Analog Devices) LTM4613, a synchronous buck-boost DC/DC controller. It's designed for generating regulated output voltages across a wide input voltage range. It supports both continuous and discontinuous modes of operation. It is suitable for applications requiring a wide input voltage range and stable output voltage regulation.

    Key Features

    ️· Wide Input Voltage Range: Capable of operating with a wide range of input voltages.
    ️· Buck-Boost Topology: Can generate output voltages above or below the input voltage.
    ️· Synchronous Operation: Uses internal MOSFETs for improved efficiency.
    ️· Adjustable Frequency: The operating frequency can be modified using an external resistor.
    ️· Soft-Start & Tracking: Includes soft-start functionality and output voltage tracking capabilities.
    ️· Margining: Programmable margining input for stress testing and margin assessment.
    ️· External Clock Synchronization: Allows synchronization with an external clock signal.
    ️· Forced Continuous/Discontinuous Mode: The FCB pin allows selection between continuous and discontinuous modes for different operating conditions.
    ️· Power Factor Correction: Can be used in power factor correction applications.
    ️· Programmable Output: Allows for programming of output voltage via external resistors.
    ️· Internal MOSFET Drivers: Contains internal MOSFET drivers to improve efficiency.

    Pin Functions (Most Important)

    ️· V<sub>IN</sub> (Bank 1): Power input pins; requires input decoupling capacitors.
    ️· PGND (Bank 2): Power ground pins for input and output returns.
    ️· V<sub>OUT</sub> (Bank 3): Power output pins; requires output decoupling capacitors.
    ️· V<sub>D</sub>: Top FET drain pins; need high-frequency ceramic decoupling capacitors.
    ️· DRV<sub>CC</sub>: Connect to INTV<sub>CC</sub> (or an external supply up to 6V) to power the internal MOSFET drivers and improve efficiency.
    ️· INTV<sub>CC</sub>: For additional decoupling of the internal regulator.
    ️· PLL<sub>IN</sub>: External clock synchronization input.
    ️· FCB: Selects between continuous (tie to PGND) or discontinuous (tie to INTV<sub>CC</sub>) mode.
    ️· TRACK/SS: Output voltage tracking and soft-start.
    ️· MPGM: Programmable margining input; do *not* tie these pins together when paralleling LTM4613s.
    ️· f<sub>SET</sub>: Frequency set pin; adjust with external resistors to change the operating frequency.

    Package Information

    ️· 133-Lead LGA package
    ️· Dimensions: 15mm x 15mm x 4.32mm

    Key Takeaways & Important Considerations

    ️· Decoupling is Critical: Proper decoupling capacitors are *essential* for stable operation at both input and output.
    ️· DRV<sub>CC</sub> is Important: Utilize the DRV<sub>CC</sub> connection (either internally or externally) to improve efficiency.
    ️· MPGM for Parallel Operation: When paralleling LTM4613s, *do not* connect the MPGM pins. Each device requires its own resistor.
    ️· Soft-Start & Tracking: The TRACK/SS pin allows for flexibility in controlling the output voltage ramp-up and enabling tracking.
    ️· FCB Selection: Consider the power requirements of the application when selecting between continuous and discontinuous modes.
    ️· Frequency Adjustment: Adjust the f<sub>SET</sub> pin's resistor to change the switching frequency to optimize performance.
    ️· Synchronization: The PLL<sub>IN</sub> pin is used for external clock synchronization.



    This summary should give you a good overview of the LTM4613's capabilities and design considerations. Let me know if you have any other questions.

    Overview

    The document describes the Linear Technology (now Analog Devices) LTM4613, a synchronous buck-boost DC/DC controller. It's designed for generating regulated output voltages across a wide input voltage range. It supports both continuous and discontinuous modes of operation. It is suitable for applications requiring a wide input voltage range and stable output voltage regulation.

    Key Features

    ️· Wide Input Voltage Range: Capable of operating with a wide range of input voltages.
    ️· Buck-Boost Topology: Can generate output voltages above or below the input voltage.
    ️· Synchronous Operation: Uses internal MOSFETs for improved efficiency.
    ️· Adjustable Frequency: The operating frequency can be modified using an external resistor.
    ️· Soft-Start & Tracking: Includes soft-start functionality and output voltage tracking capabilities.
    ️· Margining: Programmable margining input for stress testing and margin assessment.
    ️· External Clock Synchronization: Allows synchronization with an external clock signal.
    ️· Forced Continuous/Discontinuous Mode: The FCB pin allows selection between continuous and discontinuous modes for different operating conditions.
    ️· Power Factor Correction: Can be used in power factor correction applications.
    ️· Programmable Output: Allows for programming of output voltage via external resistors.
    ️· Internal MOSFET Drivers: Contains internal MOSFET drivers to improve efficiency.

    Pin Functions (Most Important)

    ️· V<sub>IN</sub> (Bank 1): Power input pins; requires input decoupling capacitors.
    ️· PGND (Bank 2): Power ground pins for input and output returns.
    ️· V<sub>OUT</sub> (Bank 3): Power output pins; requires output decoupling capacitors.
    ️· V<sub>D</sub>: Top FET drain pins; need high-frequency ceramic decoupling capacitors.
    ️· DRV<sub>CC</sub>: Connect to INTV<sub>CC</sub> (or an external supply up to 6V) to power the internal MOSFET drivers and improve efficiency.
    ️· INTV<sub>CC</sub>: For additional decoupling of the internal regulator.
    ️· PLL<sub>IN</sub>: External clock synchronization input.
    ️· FCB: Selects between continuous (tie to PGND) or discontinuous (tie to INTV<sub>CC</sub>) mode.
    ️· TRACK/SS: Output voltage tracking and soft-start.
    ️· MPGM: Programmable margining input; do *not* tie these pins together when paralleling LTM4613s.
    ️· f<sub>SET</sub>: Frequency set pin; adjust with external resistors to change the operating frequency.

    Package Information

    ️· 133-Lead LGA package
    ️· Dimensions: 15mm x 15mm x 4.32mm

    Key Takeaways & Important Considerations

    ️· Decoupling is Critical: Proper decoupling capacitors are *essential* for stable operation at both input and output.
    ️· DRV<sub>CC</sub> is Important: Utilize the DRV<sub>CC</sub> connection (either internally or externally) to improve efficiency.
    ️· MPGM for Parallel Operation: When paralleling LTM4613s, *do not* connect the MPGM pins. Each device requires its own resistor.
    ️· Soft-Start & Tracking: The TRACK/SS pin allows for flexibility in controlling the output voltage ramp-up and enabling tracking.
    ️· FCB Selection: Consider the power requirements of the application when selecting between continuous and discontinuous modes.
    ️· Frequency Adjustment: Adjust the f<sub>SET</sub> pin's resistor to change the switching frequency to optimize performance.
    ️· Synchronization: The PLL<sub>IN</sub> pin is used for external clock synchronization.



    This summary should give you a good overview of the LTM4613's capabilities and design considerations. Let me know if you have any other questions.

    Part No.LTM4613_15
    ManufacturerLINER
    Size520 Kbytes
    Pages28 pages
    DescriptionEN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator