| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about APL2572_13 Datasheet
# Example questions:
➢ What is the maximum allowable supply voltage for this pll synthesizer module?
➢ What is the typical current consumption of the apl2572 module?
➢ Within what temperature range can this module reliably operate?
# plerow™ APL2572 PLL Synthesizer Module
## Description
· Designed for wireless and wireline systems with a frequency range of 50 MHz to 6 GHz.
· Provides low spurious and phase noise performance.
· Features fast locking time and low current consumption.
· Available in a surface-mount type package.
## Features
· Output Level: +4 dBm at 2572.5 MHz
· Channel Step Size: 1250 kHz
· 2nd Harmonic: < -25 dBc
· Spurious Level: < -70 dBc
· Lock Time: < 10 ms
· Current Consumption: 19 mA
## Specifications
Frequency & Power
· Frequency Range: 2547.5 - 2597.5 MHz
· Output Power: 2 - 4 dBm
· Supply Voltage: 4.7 - 5.3 V
· Channel Step Size: 1250 kHz
Performance
· 2nd Harmonics: -35 to -25 dBc
· Spurious Level: -78 to -70 dBc
· Lock Time: 3-10 ms
· Reference Frequency: 10 MHz
· Reference Input Level: -5 to 5 dBm
· Phase Noise:
- @ 10 kHz: -103 to -97 dBc/Hz
- @ 100 kHz: -121 to -115 dBc/Hz
Environment & Physical
· Output Impedance: 50
· Operating Temperature Range: -40 to 85 C
· Package Type: SMT
· Package Size: 19.0W x 19.0L x 5.8H mm
## Contact Information
· Website: www.asb.co.kr
· Email: sales@asb.co.kr
· Tel: (82) 42-528-7220
· Fax: (82) 42-528-7222
· Address: ASB, Inc., 4th Fl. Venture Town Bldg, KT HRDC, Daejeon, Korea
# plerow™ APL2572 PLL Synthesizer Module
## Description
· Designed for wireless and wireline systems with a frequency range of 50 MHz to 6 GHz.
· Provides low spurious and phase noise performance.
· Features fast locking time and low current consumption.
· Available in a surface-mount type package.
## Features
· Output Level: +4 dBm at 2572.5 MHz
· Channel Step Size: 1250 kHz
· 2nd Harmonic: < -25 dBc
· Spurious Level: < -70 dBc
· Lock Time: < 10 ms
· Current Consumption: 19 mA
## Specifications
Frequency & Power
· Frequency Range: 2547.5 - 2597.5 MHz
· Output Power: 2 - 4 dBm
· Supply Voltage: 4.7 - 5.3 V
· Channel Step Size: 1250 kHz
Performance
· 2nd Harmonics: -35 to -25 dBc
· Spurious Level: -78 to -70 dBc
· Lock Time: 3-10 ms
· Reference Frequency: 10 MHz
· Reference Input Level: -5 to 5 dBm
· Phase Noise:
- @ 10 kHz: -103 to -97 dBc/Hz
- @ 100 kHz: -121 to -115 dBc/Hz
Environment & Physical
· Output Impedance: 50
· Operating Temperature Range: -40 to 85 C
· Package Type: SMT
· Package Size: 19.0W x 19.0L x 5.8H mm
## Contact Information
· Website: www.asb.co.kr
· Email: sales@asb.co.kr
· Tel: (82) 42-528-7220
· Fax: (82) 42-528-7222
· Address: ASB, Inc., 4th Fl. Venture Town Bldg, KT HRDC, Daejeon, Korea
| Part No. | APL2572_13 |
| Manufacturer | ASB |
| Size | 216 Kbytes |
| Pages | 2 pages |
| Description | PLL Synthesizer Module |