công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7399_15 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7399_15 Datasheet

  • Example questions: 1. What is the resolution of the AD7398 DAC?
    2. What type of interface does the AD7398/AD7399 DACs use for communication?
    3. How does the programmable power shutdown feature of the AD7398/AD7399 DACs help reduce power dissipation?

  • Part No.AD7399_15
    ManufacturerAD
    Size416 Kbytes
    Pages24 pages
    DescriptionQuad, Serial-Input 12-Bit/10-Bit DACs
    Datasheet Summary with AI

    # AD7398/AD7399: Quad Voltage Output DACs

    ## Features

    * **Resolution:** AD7398 (12-bit), AD7399 (10-bit)
    * **Power:** Programmable power shutdown
    * **Supply:** Single (3V - 5V) or dual (±5V) supply operation
    * **Interface:** 3-wire, SPI-compatible serial interface
    * **Reset:** Internal power-on reset
    * **Registers:** Double buffered for simultaneous multichannel DAC updates
    * **References:** Four rail-to-rail reference inputs
    * **Package:** TSSOP-16 package available
    * **Temperature Coefficient:** 1.5 ppm/°C
    * **Automotive Qualification:** Qualified for automotive applications

    ## Applications

    * Automotive output voltage span
    * Portable communications
    * Digitally controlled calibration
    * PC peripherals

    ## Functional Description

    * Quad voltage output DACs
    * CBCMOS process
    * Reference voltage (VREF) determines full-scale output
    * Doubled-buffered serial data interface
    * Load-DAC (LDAC) input for simultaneous updates
    * Asynchronous reset (RS) forces registers to zero code state

    ## Specifications (AD7398 - 12-bit)

    * **Resolution:** 12 bits
    * **Relative Accuracy (INL):** ±1.5 LSB max
    * **Differential Nonlinearity (DNL):** Monotonic ±1 LSB max
    * **Zero-Scale Error:** 7 mV max
    * **Full-Scale Voltage Error:** ±2.5 mV max
    * **Full-Scale Tempco:** 1.5 ppm/°C
    * **Reference Input Range:** VSS to VDD
    * **Analog Output Range:** 0 to VREF
    * **Maximum Output Current (IOUT):** ±5 mA
    * **Maximum Capacitive Load (CL):** 200 pF

    ## Absolute Maximum Ratings

    * **VDD to GND:** -0.3V to +7V
    * **VSS to GND:** +0.3V to -7V
    * **Reference Input Range:** VSS to VDD
    * **Maximum Junction Temperature:** 150°C

    Datasheet Summary with AI

    # AD7398/AD7399: Quad Voltage Output DACs

    ## Features

    * **Resolution:** AD7398 (12-bit), AD7399 (10-bit)
    * **Power:** Programmable power shutdown
    * **Supply:** Single (3V - 5V) or dual (±5V) supply operation
    * **Interface:** 3-wire, SPI-compatible serial interface
    * **Reset:** Internal power-on reset
    * **Registers:** Double buffered for simultaneous multichannel DAC updates
    * **References:** Four rail-to-rail reference inputs
    * **Package:** TSSOP-16 package available
    * **Temperature Coefficient:** 1.5 ppm/°C
    * **Automotive Qualification:** Qualified for automotive applications

    ## Applications

    * Automotive output voltage span
    * Portable communications
    * Digitally controlled calibration
    * PC peripherals

    ## Functional Description

    * Quad voltage output DACs
    * CBCMOS process
    * Reference voltage (VREF) determines full-scale output
    * Doubled-buffered serial data interface
    * Load-DAC (LDAC) input for simultaneous updates
    * Asynchronous reset (RS) forces registers to zero code state

    ## Specifications (AD7398 - 12-bit)

    * **Resolution:** 12 bits
    * **Relative Accuracy (INL):** ±1.5 LSB max
    * **Differential Nonlinearity (DNL):** Monotonic ±1 LSB max
    * **Zero-Scale Error:** 7 mV max
    * **Full-Scale Voltage Error:** ±2.5 mV max
    * **Full-Scale Tempco:** 1.5 ppm/°C
    * **Reference Input Range:** VSS to VDD
    * **Analog Output Range:** 0 to VREF
    * **Maximum Output Current (IOUT):** ±5 mA
    * **Maximum Capacitive Load (CL):** 200 pF

    ## Absolute Maximum Ratings

    * **VDD to GND:** -0.3V to +7V
    * **VSS to GND:** +0.3V to -7V
    * **Reference Input Range:** VSS to VDD
    * **Maximum Junction Temperature:** 150°C

    Part No.AD7399_15
    ManufacturerAD
    Size416 Kbytes
    Pages24 pages
    DescriptionQuad, Serial-Input 12-Bit/10-Bit DACs
    Chính sách bảo mật
    ALLDATASHEET.VN
    Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

    Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com