công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS302 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS302 Datasheet

  • # Example questions: ➢ What is the typical value for vbe1 - vbe2, indicating the matching between the two transistors?
    ➢ What is the maximum storage temperature specified for the ls302 transistor, as indicated in the 'absolute maximum ratings' section?
    ➢ What is the maximum collector current (ic) specified for the ls302 transistor?

  • Part No.LS302
    ManufacturerMICROSS
    Size277 Kbytes
    Pages1 page
    DescriptionLinear Systems High Voltage Super-Beta Monolithic Dual NPN
    Datasheet Summary with AI

    LS302 - Dual NPN Bipolar Transistor

    Description: This is a dual NPN bipolar transistor designed for applications requiring matched characteristics.

    Key Features:

    ️· Very High Gain: hFE ≥ 1000 @ 1µA
    ️· Tight VBE Matching: VBE1 – VBE2 = 0.2 mV (typical)
    ️· Low Output Capacitance: COBO ≤ 2.0pF
    ️· High ft (Transition Frequency): 100 MHz
    ️· Matched Characteristics: Specifically designed for applications needing closely matched transistor behavior.

    Absolute Maximum Ratings:

    ️· Storage Temperature: -65°C to +200°C
    ️· Junction Temperature: -55°C to +150°C
    ️· Continuous Power Dissipation (One Side): 250mW
    ️· Continuous Power Dissipation (Both Sides): 500mW
    ️· Linear Derating Factor (One Side): 2.3 mW/°C
    ️· Linear Derating Factor (Both Sides): 4.3 mW/°C
    ️· Collector Current: 5mA
    ️· Reverse Base-Emitter Voltage: 6.2V

    Electrical Characteristics (Typical @ 25°C unless otherwise noted):

    ️· VBE1 – VBE2: 0.2 mV (typical)
    ️· Δ(VBE1–VBE2) / ΔT: 1 mV/°C
    ️· BVCBO: 35V
    ️· BVCEO: 35V
    ️· BVEBO: 6.2V
    ️· VCE(sat): 0.5V
    ️· ICBO: 100 pA
    ️· COBO: 2 pF
    ️· fT: 100 MHz
    ️· NF: 3 dB (at specific test conditions)

    Package Options:

    ️· P-DIP (standard)
    ️· Bare Die (available upon request)

    Important Notes:

    ️· Observe absolute maximum ratings to prevent device damage.
    ️· The reverse base-emitter voltage should not exceed 6.2V.

    LS302 - Dual NPN Bipolar Transistor

    Description: This is a dual NPN bipolar transistor designed for applications requiring matched characteristics.

    Key Features:

    ️· Very High Gain: hFE ≥ 1000 @ 1µA
    ️· Tight VBE Matching: VBE1 – VBE2 = 0.2 mV (typical)
    ️· Low Output Capacitance: COBO ≤ 2.0pF
    ️· High ft (Transition Frequency): 100 MHz
    ️· Matched Characteristics: Specifically designed for applications needing closely matched transistor behavior.

    Absolute Maximum Ratings:

    ️· Storage Temperature: -65°C to +200°C
    ️· Junction Temperature: -55°C to +150°C
    ️· Continuous Power Dissipation (One Side): 250mW
    ️· Continuous Power Dissipation (Both Sides): 500mW
    ️· Linear Derating Factor (One Side): 2.3 mW/°C
    ️· Linear Derating Factor (Both Sides): 4.3 mW/°C
    ️· Collector Current: 5mA
    ️· Reverse Base-Emitter Voltage: 6.2V

    Electrical Characteristics (Typical @ 25°C unless otherwise noted):

    ️· VBE1 – VBE2: 0.2 mV (typical)
    ️· Δ(VBE1–VBE2) / ΔT: 1 mV/°C
    ️· BVCBO: 35V
    ️· BVCEO: 35V
    ️· BVEBO: 6.2V
    ️· VCE(sat): 0.5V
    ️· ICBO: 100 pA
    ️· COBO: 2 pF
    ️· fT: 100 MHz
    ️· NF: 3 dB (at specific test conditions)

    Package Options:

    ️· P-DIP (standard)
    ️· Bare Die (available upon request)

    Important Notes:

    ️· Observe absolute maximum ratings to prevent device damage.
    ️· The reverse base-emitter voltage should not exceed 6.2V.

    Part No.LS302
    ManufacturerMICROSS
    Size277 Kbytes
    Pages1 page
    DescriptionLinear Systems High Voltage Super-Beta Monolithic Dual NPN