công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DR217-3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR217-3_14 Datasheet

  • # Example questions: ➢ For a 1000µh inductor (dr217-3-105), what is the rated saturation current (isat) and the temperature rise current (irms)?
    ➢ What is the typical dcr (dc resistance) range for the inductors listed in the datasheet?
    ➢ What are the overall dimensions of the inductor, specifically the height and diameter?

  • Part No.DR217-3_14
    ManufacturerDATATRONICS
    Size78 Kbytes
    Pages1 page
    DescriptionDR217-3 SERIES RADIAL LEADED INDUCTORS
    Datasheet Summary with AI

    Okay, I've analyzed the provided text. Here's a breakdown, organized to make sense of it, and a summary at the end.

    1. General Information & Header

    ️· Company: DATATRONIC
    - Address: 28151 Highway 74, Romoland, CA 92585
    - Phone: (951) 928-7700, Toll-Free (888) 889-5391
    - Fax: (951) 928-7701
    - Email: ddisales@datatronics.com
    - Hong Kong Office: 499 King’s Road, Hong Kong, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
    ️· Disclaimer: "All specifications are subject to change without notice."

    2. Product Specification Table: Inductors (DR Series)

    The bulk of the document is a table detailing the specifications for a series of inductors, likely designated "DR Series". The table has the following columns:

    ️· Part Number: (e.g., DR105, DR155, DR205, etc.)
    ️· Inductance (µH): (e.g., 0.1, 0.15, 0.2, etc.) - This indicates the inductance value in microhenries.
    ️· Q Factor (or "Q")
    ️· Rated Current (A): The maximum DC current the inductor can handle without exceeding its temperature limits.

    ️· DCR (DC Resistance, Ohms): The DC resistance of the inductor winding.
    ️· SRF (Self-Resonant Frequency, MHz): The frequency at which the inductor's impedance begins to decrease rapidly due to parasitic capacitance.
    ️· Remark


    3. Notes & Specifications

    ️· Note 1: Dimensions are shown in inches/millimeters.
    ️· Note 1: Millimeters: ±0,30
    ️· Note 1: Isat based on the inductance being 10% of its initial value
    ️· Note 1: Irms based on a temperature rise of 20°C
    ️· Note 1: For non-RoHS parts replace DR prefix with 42- (e.g. DR105 becomes 42-DR105)
    ️· Note 1: Terminal finish is compliant to RoHS requirements

    SUMMARY

    This document is a product datasheet for a series of inductors (DR Series) manufactured by DATATRONIC. It provides technical specifications like inductance, rated current, DC resistance, self-resonant frequency, and notes regarding dimensions, RoHS compliance, and part number modifications. The datasheet is intended for engineers and purchasers looking for detailed electrical and physical characteristics of the inductors.

    1. General Information & Header

    ️· Company: DATATRONIC
    - Address: 28151 Highway 74, Romoland, CA 92585
    - Phone: (951) 928-7700, Toll-Free (888) 889-5391
    - Fax: (951) 928-7701
    - Email: ddisales@datatronics.com
    - Hong Kong Office: 499 King’s Road, Hong Kong, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
    ️· Disclaimer: "All specifications are subject to change without notice."

    2. Product Specification Table: Inductors (DR Series)

    The bulk of the document is a table detailing the specifications for a series of inductors, likely designated "DR Series". The table has the following columns:

    ️· Part Number: (e.g., DR105, DR155, DR205, etc.)
    ️· Inductance (µH): (e.g., 0.1, 0.15, 0.2, etc.) - This indicates the inductance value in microhenries.
    ️· Q Factor (or "Q")
    ️· Rated Current (A): The maximum DC current the inductor can handle without exceeding its temperature limits.
    ️· DCR (DC Resistance, Ohms): The DC resistance of the inductor winding.
    ️· SRF (Self-Resonant Frequency, MHz): The frequency at which the inductor's impedance begins to decrease rapidly due to parasitic capacitance.
    ️· Remark


    3. Notes & Specifications

    ️· Note 1: Dimensions are shown in inches/millimeters.
    ️· Note 1: Millimeters: ±0,30
    ️· Note 1: Isat based on the inductance being 10% of its initial value
    ️· Note 1: Irms based on a temperature rise of 20°C
    ️· Note 1: For non-RoHS parts replace DR prefix with 42- (e.g. DR105 becomes 42-DR105)
    ️· Note 1: Terminal finish is compliant to RoHS requirements

    SUMMARY

    Part No.DR217-3_14
    ManufacturerDATATRONICS
    Size78 Kbytes
    Pages1 page
    DescriptionDR217-3 SERIES RADIAL LEADED INDUCTORS