| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RA0084B Datasheet
# Example questions:
➢ What is the maximum reverse recovery time for the sdad103 h 5 uf rectifier?
➢ What screening levels are available for these rectifiers, and where can i find more details regarding their testing procedures?
➢ How does the average dc output current of the sdad103 h 7.5 uf change when the case temperature increases from 25°c to 75°c?
# SDAD103 UF Series High Voltage Rectifier
## Features
️· Stackable up to 600kV+
️· Peak Inverse Voltage (PIV): 2.5kV to 15kV
️· Ultra-Fast Reverse Recovery Time
️· Hermetically Sealed
️· Controlled Avalanche Rated
️· Operating/Storage Temperature: -65°C to +150°C
️· Screening Levels: TX, TXV, S
## Electrical Characteristics
️· SDAD103 H 2.5 UF: PIV: 2.5kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 9.00A, Vf: 3.90V, Ir: 30uA
️· SDAD103 H 5.0 UF: PIV: 5.0kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 6.75A, Vf: 7.60V, Ir: 30uA
️· SDAD103 H 7.5 UF: PIV: 7.5kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 4.50A, Vf: 10.10V, Ir: 20uA
️· SDAD103 H 10 UF: PIV: 10kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 3.15A, Vf: 13.85V, Ir: 10uA
️· SDAD103 H 15 UF: PIV: 15kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 2.14A, Vf: 19.2V, Ir: 10uA
## Operating Conditions
️· Tc = 50°C (typical in oil)
️· Tc = 75°C (ambient Ta = 25°C, unheatsunk)
️· Tc = 60°C (with extender plates in air)
## Notes
️· Screening based on MIL-PRF-19500.
️· Specifications subject to change.
️· Data Sheet #: RA0084B
️· Contact factory for pricing, curves, and availability.
# SDAD103 UF Series High Voltage Rectifier
## Features
️· Stackable up to 600kV+
️· Peak Inverse Voltage (PIV): 2.5kV to 15kV
️· Ultra-Fast Reverse Recovery Time
️· Hermetically Sealed
️· Controlled Avalanche Rated
️· Operating/Storage Temperature: -65°C to +150°C
️· Screening Levels: TX, TXV, S
## Electrical Characteristics
️· SDAD103 H 2.5 UF: PIV: 2.5kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 9.00A, Vf: 3.90V, Ir: 30uA
️· SDAD103 H 5.0 UF: PIV: 5.0kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 6.75A, Vf: 7.60V, Ir: 30uA
️· SDAD103 H 7.5 UF: PIV: 7.5kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 4.50A, Vf: 10.10V, Ir: 20uA
️· SDAD103 H 10 UF: PIV: 10kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 3.15A, Vf: 13.85V, Ir: 10uA
️· SDAD103 H 15 UF: PIV: 15kV, Max Recovery Time: 70ns, Avg Output Current (Tc=25°C): 2.14A, Vf: 19.2V, Ir: 10uA
## Operating Conditions
️· Tc = 50°C (typical in oil)
️· Tc = 75°C (ambient Ta = 25°C, unheatsunk)
️· Tc = 60°C (with extender plates in air)
## Notes
️· Screening based on MIL-PRF-19500.
️· Specifications subject to change.
️· Data Sheet #: RA0084B
️· Contact factory for pricing, curves, and availability.
| Part No. | RA0084B |
| Manufacturer | SSDI |
| Size | 79 Kbytes |
| Pages | 1 page |
| Description | STACKABLE HIGH VOLTAGE RECTIFIER |