công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.L6393D
MfrSTMICROELECTRONICS
Size390 Kbytes
Pages19 pages
DescriptionHalf-bridge gate driver
Datasheet SummaryAI
1. Core Functionality:

️· High-Side Driver: The L6393 is designed to drive the gate of an N-channel power MOSFET in a high-side configuration. This means the load is connected to the positive supply, and the MOSFET controls the ground connection.
️· Bootstrap Driver: A key feature is its *integrated* bootstrap circuit. Bootstrap circuits are used to generate a voltage higher than the supply voltage needed to fully turn on the high-side MOSFET. This device replaces the need for an external bootstrap diode.
️· Sense Comparator: Includes a sense comparator for current or voltage monitoring, allowing for overcurrent/overvoltage protection and/or current mode control.

2. Key Features/Specifications:

️· Supply Voltage: Operates with a wide range of supply voltages.
️· Bootstrap Capacitor: Requires an external bootstrap capacitor (Cboot) for operation. The datasheet details how to select the proper capacitor value for optimal performance.
️· Integrated Protection: Features include short-circuit protection, overcurrent protection, and undervoltage lockout.
️· Fast Switching: Designed for fast switching speeds to minimize power losses.
️· Low-Side Driver: Includes a low-side driver to complete the H-bridge or other switching configurations.

3. Detailed Information Provided in the Document:

️· Absolute Maximum Ratings: Specifies the limits for voltages, currents, temperatures, and power dissipation.
️· Electrical Characteristics: Provides detailed performance specifications, including input/output voltages, currents, propagation delays, and protection levels.
️· Application Information: Gives guidance on how to connect the L6393 in different circuit configurations, including H-bridges, synchronous rectifiers, and motor drivers.
️· Bootstrap Circuit Details: A significant portion of the datasheet is dedicated to the bootstrap circuit, explaining how it works, how to select the bootstrap capacitor, and how to optimize its performance. It emphasizes the advantages of the integrated bootstrap driver compared to external solutions.
️· Sense Comparator Information: Details about the comparator, its offset voltage, slew rate, and application.
️· Package Information: Specifies the physical dimensions and characteristics of the DIP-14 package.
️· Waveform Definitions: Defines key waveforms used in the datasheet for timing diagrams.

4. Key Takeaways

️· Integrated Solution: The L6393 aims to be a complete driver solution, reducing the need for external components.
️· Bootstrap Optimization: A strong focus is on the bootstrap circuit and how to achieve optimal performance.
️· Protection Features: The device includes a range of protection features to ensure reliable operation.
️· Versatility: Suitable for a variety of applications, including motor control, power supplies, and lighting.




In essence, this datasheet provides all the necessary information for engineers to design and implement circuits using the L6393. It is a technically detailed document with a strong emphasis on practical application considerations.
L6393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about L6393D Datasheet.
    Example questions: ➤ What is the recommended ratio between the bootstrap capacitor (c boot) and the gate capacitance of the external power mosfet (c ext), and why is maintaining this ratio important?➤ How does this structure differ from a traditional bootstrap circuit using an external diode, and what advantage does it offer?➤ What are two key parameters affecting the comparator delay (td_comp), and what are their typical values?
  • Datasheet Details
    Part No.L6393D
    ManufacturerSTMICROELECTRONICS
    Size390 Kbytes
    Pages19 pages
    DescriptionHalf-bridge gate driver
    Datasheet Summary AI Expand summary
    1. Core Functionality:

    ️· High-Side Driver: The L6393 is designed to drive the gate of an N-channel power MOSFET in a high-side configuration. This means the load is connected to the positive supply, and the MOSFET controls the ground connection.
    ️· Bootstrap Driver: A key feature is its *integrated* bootstrap circuit. Bootstrap circuits are used to generate a voltage higher than the supply voltage needed to fully turn on the high-side MOSFET. This device replaces the need for an external bootstrap diode.
    ️· Sense Comparator: Includes a sense comparator for current or voltage monitoring, allowing for overcurrent/overvoltage protection and/or current mode control.

    2. Key Features/Specifications:

    ️· Supply Voltage: Operates with a wide range of supply voltages.
    ️· Bootstrap Capacitor: Requires an external bootstrap capacitor (Cboot) for operation. The datasheet details how to select the proper capacitor value for optimal performance.
    ️· Integrated Protection: Features include short-circuit protection, overcurrent protection, and undervoltage lockout.
    ️· Fast Switching: Designed for fast switching speeds to minimize power losses.
    ️· Low-Side Driver: Includes a low-side driver to complete the H-bridge or other switching configurations.

    3. Detailed Information Provided in the Document:

    ️· Absolute Maximum Ratings: Specifies the limits for voltages, currents, temperatures, and power dissipation.
    ️· Electrical Characteristics: Provides detailed performance specifications, including input/output voltages, currents, propagation delays, and protection levels.
    ️· Application Information: Gives guidance on how to connect the L6393 in different circuit configurations, including H-bridges, synchronous rectifiers, and motor drivers.
    ️· Bootstrap Circuit Details: A significant portion of the datasheet is dedicated to the bootstrap circuit, explaining how it works, how to select the bootstrap capacitor, and how to optimize its performance. It emphasizes the advantages of the integrated bootstrap driver compared to external solutions.
    ️· Sense Comparator Information: Details about the comparator, its offset voltage, slew rate, and application.
    ️· Package Information: Specifies the physical dimensions and characteristics of the DIP-14 package.
    ️· Waveform Definitions: Defines key waveforms used in the datasheet for timing diagrams.

    4. Key Takeaways

    ️· Integrated Solution: The L6393 aims to be a complete driver solution, reducing the need for external components.
    ️· Bootstrap Optimization: A strong focus is on the bootstrap circuit and how to achieve optimal performance.
    ️· Protection Features: The device includes a range of protection features to ensure reliable operation.
    ️· Versatility: Suitable for a variety of applications, including motor control, power supplies, and lighting.




    In essence, this datasheet provides all the necessary information for engineers to design and implement circuits using the L6393. It is a technically detailed document with a strong emphasis on practical application considerations.