công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1000 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS1000 Datasheet

  • # Example questions: ➢ What is the typical supply voltage range for the ds1000, and what is the maximum current draw (icc) under typical operating conditions?
    ➢ The datasheet mentions a test setup using a time interval counter with 20ps resolution. what is the purpose of loading each output with the equivalent of one 74f04 input gate during testing?
    ➢ How do both temperature and supply voltage affect the delay times, and is the effect consistent across all taps?

  • Part No.DS1000
    ManufacturerDALLAS
    Size65 Kbytes
    Pages5 pages
    Description5-Tap Silicon Delay Line
    Datasheet Summary with AI

    Okay, here's a summary of the information provided in the DS1000 datasheet excerpt.

    1. Device Overview:

    ️· The DS1000 is a silicon delay line, providing precisely controlled delays for digital signals.
    ️· It's designed for applications needing accurate timing.

    2. Key Features & Specifications:

    ️· Delay Range: Offers various delay options, ranging from 40 ns to 500 ns, and even custom variations. Refer to the "AC ELECTRICAL CHARACTERISTICS" table and the "TERMINOLOGY" section.
    ️· Precision: Utilizes a Time Interval Counter (20 ps resolution) for precise measurements.
    ️· Temperature Stability: Delays are relatively stable over temperature (0°C to 70°C).
    ️· Supply Voltage Sensitivity: Delay varies slightly with supply voltage (less than 4% over the range 4.75V - 5.25V).
    ️· Output Loading: Designed to be used with a load equivalent to a 74F04 input gate.

    3. Test Setup & Conditions:

    ️· Test Hardware: A precision pulse generator, time interval counter, and VHF switch control unit, all controlled by a computer via an IEEE 488 bus.
    ️· Test Conditions:
    - Ambient Temperature: 25°C ± 3°C

    - Supply Voltage (Vcc): 5.0V ± 0.1V
    - Input Signal: 3.0V high, 0.0V low, with specified rise/fall times.
    - Output Measured at 1.5V crossing points on the signal.

    4. Important Terminology (For Understanding Delays):

    ️· Period: Time between leading edges of pulses.
    ️· Pulse Width (tWI): Duration of the pulse.
    ️· tPLH: Time delay (rising edge).
    ️· tPHL: Time delay (falling edge).

    5. Key Notes/Cautions:

    ️· The listed test conditions are for characterization and do not define all operating parameters.
    ️· Intermediate delay values and packaging variations are available on a custom basis.



    Hopefully, this comprehensive summary gives you a good understanding of the DS1000's capabilities and how it's tested.

    1. Device Overview:

    ️· The DS1000 is a silicon delay line, providing precisely controlled delays for digital signals.
    ️· It's designed for applications needing accurate timing.

    2. Key Features & Specifications:

    ️· Delay Range: Offers various delay options, ranging from 40 ns to 500 ns, and even custom variations. Refer to the "AC ELECTRICAL CHARACTERISTICS" table and the "TERMINOLOGY" section.
    ️· Precision: Utilizes a Time Interval Counter (20 ps resolution) for precise measurements.
    ️· Temperature Stability: Delays are relatively stable over temperature (0°C to 70°C).
    ️· Supply Voltage Sensitivity: Delay varies slightly with supply voltage (less than 4% over the range 4.75V - 5.25V).
    ️· Output Loading: Designed to be used with a load equivalent to a 74F04 input gate.

    3. Test Setup & Conditions:

    ️· Test Hardware: A precision pulse generator, time interval counter, and VHF switch control unit, all controlled by a computer via an IEEE 488 bus.
    ️· Test Conditions:
    - Ambient Temperature: 25°C ± 3°C
    - Supply Voltage (Vcc): 5.0V ± 0.1V
    - Input Signal: 3.0V high, 0.0V low, with specified rise/fall times.
    - Output Measured at 1.5V crossing points on the signal.

    4. Important Terminology (For Understanding Delays):

    ️· Period: Time between leading edges of pulses.
    ️· Pulse Width (tWI): Duration of the pulse.
    ️· tPLH: Time delay (rising edge).
    ️· tPHL: Time delay (falling edge).

    5. Key Notes/Cautions:

    ️· The listed test conditions are for characterization and do not define all operating parameters.
    ️· Intermediate delay values and packaging variations are available on a custom basis.



    Hopefully, this comprehensive summary gives you a good understanding of the DS1000's capabilities and how it's tested.

    Part No.DS1000
    ManufacturerDALLAS
    Size65 Kbytes
    Pages5 pages
    Description5-Tap Silicon Delay Line