công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PJ-048H Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PJ-048H Datasheet

  • # Example questions: ➢ What materials are used for the center pin and terminal 1 of this dc power jack?
    ➢ What is the typical insertion/withdrawal force required for using this jack?
    ➢ What is the maximum voltage this dc power jack is rated to handle?

  • Part No.PJ-048H
    ManufacturerCUI
    Size182 Kbytes
    Pages3 pages
    DescriptionDC POWER JACK
    Datasheet Summary with AI

    # PJ-048H DC Power Jack

    ## Features

    · 3.0 mm center pin
    · 5.0 A rating
    · Right angle orientation
    · Through hole
    · Kinked pins
    · UL94V-0 flammability rating
    · RoHS compliant (2011/65/EU)

    ## Specifications

    · Rated Input Voltage: 16 Vdc
    · Rated Input Current: 5 A
    · Contact Resistance: 30 mΩ (closed circuit), 50 mΩ (terminal/plug)
    · Insulation Resistance: 100 MΩ at 500 Vdc
    · Voltage Withstand: 500 Vac for 1 minute
    · Insertion/Withdrawal Force: 0.3 – 3 kg
    · Terminal Strength: 500 g for 10 seconds
    · Operating Temperature: -25°C to 85°C
    · Life: 5,000 cycles

    ## Solderability

    · Wave soldering: 255°C to 265°C

    ## Mechanical Drawing

    · Units: mm (inches)
    · Tolerance:
    - X.X ±0.2mm
    - X.XX ±0.1mm
    - X.XXX ±0.05mm
    · Materials & Plating:
    - Center Pin: Copper, Nickel Plated
    - Terminal 1: Brass, Silver Plated
    - Terminal 2: Copper Alloy, Silver Plated
    - Terminal 3: Brass, Silver Plated
    - Plastic: PBT
    · Jack Insertion Depth: 9.1 mm

    ## Revision History

    · 1.0 (07/30/2007): Initial Release
    · 1.01 (09/12/2013): Applied new specification template

    ## Warranty & Disclaimer

    · One-year limited warranty
    · Not authorized for use in critical life support devices.

    # PJ-048H DC Power Jack

    ## Features

    · 3.0 mm center pin
    · 5.0 A rating
    · Right angle orientation
    · Through hole
    · Kinked pins
    · UL94V-0 flammability rating
    · RoHS compliant (2011/65/EU)

    ## Specifications

    · Rated Input Voltage: 16 Vdc
    · Rated Input Current: 5 A
    · Contact Resistance: 30 mΩ (closed circuit), 50 mΩ (terminal/plug)
    · Insulation Resistance: 100 MΩ at 500 Vdc
    · Voltage Withstand: 500 Vac for 1 minute
    · Insertion/Withdrawal Force: 0.3 – 3 kg
    · Terminal Strength: 500 g for 10 seconds
    · Operating Temperature: -25°C to 85°C
    · Life: 5,000 cycles

    ## Solderability

    · Wave soldering: 255°C to 265°C

    ## Mechanical Drawing

    · Units: mm (inches)
    · Tolerance:
    - X.X ±0.2mm
    - X.XX ±0.1mm
    - X.XXX ±0.05mm
    · Materials & Plating:
    - Center Pin: Copper, Nickel Plated
    - Terminal 1: Brass, Silver Plated
    - Terminal 2: Copper Alloy, Silver Plated
    - Terminal 3: Brass, Silver Plated
    - Plastic: PBT
    · Jack Insertion Depth: 9.1 mm

    ## Revision History

    · 1.0 (07/30/2007): Initial Release
    · 1.01 (09/12/2013): Applied new specification template

    ## Warranty & Disclaimer

    · One-year limited warranty
    · Not authorized for use in critical life support devices.

    Part No.PJ-048H
    ManufacturerCUI
    Size182 Kbytes
    Pages3 pages
    DescriptionDC POWER JACK