công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRF6703 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADRF6703 Datasheet

  • # Example questions: ➢ What is the minimum required setup time for the le (latch enable) signal relative to the clk (clock) signal?
    ➢ What is the typical supply voltage range for vcc1 through vcc7?
    ➢ What is the maximum junction temperature specified for the adrf6702?

  • Part No.ADRF6703
    ManufacturerAD
    Size1Mb
    Pages36 pages
    Description1200 MHz to 2400 MHz Quadrature Modulator
    Datasheet Summary with AI

    1. Device Overview:

    ️· The ADRF6702 is a mixed-signal integrated circuit (likely a radio frequency or wireless device). It's part of a larger system, and likely a high-frequency component.

    2. Key Features & Specifications (Highlighted from Tables):

    ️· Power Supplies: Requires multiple power supply voltages (VCC1-VCC7), ranging from approximately 4.75V to 5.5V.
    ️· Digital I/O: Digital input/output voltages have specified limits (-0.3V to +3.6V).
    ️· LO (Local Oscillator) Inputs/Outputs: Has specific power level requirements for LO inputs and outputs.
    ️· Baseband Inputs (IP, IN, QP, QN): Operates with a specific range of DC bias levels and bandwidths.
    ️· Temperature Sensor: Includes a temperature sensor with a specified output voltage and temperature coefficient.
    ️· Timing Characteristics: Defines critical timing parameters (setup/hold times, pulse widths) for communication with the device using digital signals (CLK, DATA, LE). These are important for reliable operation.
    ️· ESD (Electrostatic Discharge) Caution: Highlights the need to handle the device carefully to prevent damage from static electricity.

    3. Absolute Maximum Ratings:

    ️· These define the extreme conditions the device can withstand *without permanent damage*. *Operating* within these limits is critical.
    - Maximum Junction Temperature: 150°C - Important for thermal management.
    - Operating Temperature Range: -40°C to +85°C – This is the intended operating environment.

    4. Important Notes & Warnings:

    ️· Absolute Maximum Ratings are Stress Ratings: Operating beyond them *will* cause damage.
    ️· Thermal Management: Pay attention to the junction temperature and heat dissipation.
    ️· ESD Precautions: Handle the device carefully.

    5. Timing Diagram (Figure 2):

    ️· Illustrates the precise timing relationships between the digital control signals (LE, CLK, DATA) required for correct operation.

    In simpler terms, if you were using this chip:

    ️· You'll need specific voltage levels for power.
    ️· You need to be careful not to expose it to extreme temperatures or static electricity.
    ️· Pay very close attention to the timing requirements for communicating with the chip.
    ️· Keep it cool!

    1. Device Overview:

    ️· The ADRF6702 is a mixed-signal integrated circuit (likely a radio frequency or wireless device). It's part of a larger system, and likely a high-frequency component.

    2. Key Features & Specifications (Highlighted from Tables):

    ️· Power Supplies: Requires multiple power supply voltages (VCC1-VCC7), ranging from approximately 4.75V to 5.5V.
    ️· Digital I/O: Digital input/output voltages have specified limits (-0.3V to +3.6V).
    ️· LO (Local Oscillator) Inputs/Outputs: Has specific power level requirements for LO inputs and outputs.
    ️· Baseband Inputs (IP, IN, QP, QN): Operates with a specific range of DC bias levels and bandwidths.
    ️· Temperature Sensor: Includes a temperature sensor with a specified output voltage and temperature coefficient.
    ️· Timing Characteristics: Defines critical timing parameters (setup/hold times, pulse widths) for communication with the device using digital signals (CLK, DATA, LE). These are important for reliable operation.
    ️· ESD (Electrostatic Discharge) Caution: Highlights the need to handle the device carefully to prevent damage from static electricity.

    3. Absolute Maximum Ratings:

    ️· These define the extreme conditions the device can withstand *without permanent damage*. *Operating* within these limits is critical.
    - Maximum Junction Temperature: 150°C - Important for thermal management.
    - Operating Temperature Range: -40°C to +85°C – This is the intended operating environment.

    4. Important Notes & Warnings:

    ️· Absolute Maximum Ratings are Stress Ratings: Operating beyond them *will* cause damage.
    ️· Thermal Management: Pay attention to the junction temperature and heat dissipation.
    ️· ESD Precautions: Handle the device carefully.

    5. Timing Diagram (Figure 2):

    ️· Illustrates the precise timing relationships between the digital control signals (LE, CLK, DATA) required for correct operation.

    In simpler terms, if you were using this chip:

    ️· You'll need specific voltage levels for power.
    ️· You need to be careful not to expose it to extreme temperatures or static electricity.
    ️· Pay very close attention to the timing requirements for communicating with the chip.
    ️· Keep it cool!

    Part No.ADRF6703
    ManufacturerAD
    Size1Mb
    Pages36 pages
    Description1200 MHz to 2400 MHz Quadrature Modulator