️· Device Overview: These are electrically erasable programmable read-only memories (EEPROMs) that use the I²C serial protocol for communication. They come in various sizes (128Kbit to 2Mbit).
️· I²C Interface: They communicate via two lines: Serial Clock (SCL) and Serial Data (SDA).
️· Device Selection: The chip is selected using a 7-bit device select code configured by the E0, E1, and E2 pins. These pins can be tied to VCC or VSS to set the code.
️· Write Protection: The WC (Write Control) pin provides hardware write protection. Driving it high disables all write operations.
️· Key Features: The document details the signal descriptions, how the I²C protocol is implemented, and the device's behavior during read and write cycles.
️· Package Options: The chips are available in standard 8-pin packages as well as WLCSP (Wafer Level Chip Scale Package) options. Important caution: WLCSP devices are sensitive to UV light and can lose data if exposed.
️· Figures and Tables: The datasheet includes diagrams of the logic, signal connections, and package outlines, as well as tables detailing signal names and device select codes.
In essence, this is a technical document providing all the necessary information for engineers to integrate these EEPROM chips into their designs.