| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 32.502 Datasheet
# Example questions:
➢ What is the recommended procedure to ensure proper pin positioning when soldering these headers?
➢ What is the length of the stl140/10 header?
➢ What is the difference between stl130 and stl132 headers in terms of pin diameter?
1. Product Type:
️· The document describes headers/connectors, specifically for printed circuit boards (PCBs). These are likely edge connectors or similar.
️· Product lines mentioned: STL130, STL140, and STL132. The STL130 and STL132 are similar series, while STL140 appears to be a variant of the STL130. The use of "STL(Z)" suggests a possible variant.
2. Key Features/Specifications:
️· Dimensions: The document provides dimensional information in both millimeters and inches. Key dimensions mentioned are:
- Pin diameters: 1.0mm, 1.3mm
- Lengths: 5.50mm, 6.00mm, 11.80mm, 12.5mm, 15.00mm
️· Pin Counts: The document lists available pin counts ranging from 2 to 24.
️· "Z" Designation: A variant or special type (e.g., different plating, marking) possibly denoted with a "Z" suffix (STL(Z)).
️· Application Note: A note that "To insure proper pin positioning, install header into AK130 or AK132 Plug before soldering into board".
3. Series Breakdown (with available pin counts and lengths):
| Series | Pin Count | Length (mm) | Length (in) |
|---|---|---|---|
| STL130 | 2 | 5.50 | 0.217 |
| STL130 | 3 | 6.00 | 0.236 |
| STL130 | 4 | 11.80 | 0.465 |
| STL130 | 5 | 12.50 | 0.492 |
| STL130 | 6 | 15.00 | 0.591 |
| STL130 | 10 | 50.00 | 1.97 |
| STL130 | 11 | 55.00 | 2.17 |
| STL130 | 12 | 60.00 | 2.36 |
| STL130 | 13 | 65.00 | 2.56 |
| STL130 | 14 | 70.00 | 2.76 |
| STL130 | 15 | 75.00 | 2.95 |
| STL130 | 16 | 80.00 | 3.15 |
| STL130 | 24 | 120.00 | 4.72 |
| STL132 | 2 | 5.50 | 0.217 |
| STL132 | 3 | 6.00 | 0.236 |
| STL132 | 4 | 11.80 | 0.465 |
| STL132 | 5 | 12.50 | 0.492 |
| STL132 | 10 | 50.00 | 1.97 |
| STL132 | 11 | 55.00 | 2.17 |
| STL132 | 12 | 60.00 | 2.36 |
| STL132 | 13 | 65.00 | 2.56 |
| STL132 | 14 | 70.00 | 2.76 |
| STL132 | 15 | 75.00 | 2.95 |
| STL132 | 16 | 80.00 | 3.15 |
| STL132 | 24 | 120.00 | 4.72 |
| STL140 | 2 | 5.50 | 0.217 |
| STL140 | 3 | 6.00 | 0.236 |
| STL140 | 4 | 11.80 | 0.465 |
| STL140 | 5 | 12.50 | 0.492 |
| STL140 | 10 | 50.00 | 1.97 |
| STL140 | 11 | 55.00 | 2.17 |
| STL140 | 12 | 60.00 | 2.36 |
| STL140 | 13 | 65.00 | 2.56 |
| STL140 | 14 | 70.00 | 2.76 |
| STL140 | 15 | 75.00 | 2.95 |
| STL140 | 16 | 80.00 | 3.15 |
| STL140 | 24 | 120.00 | 4.72 |
1. Product Type:
️· The document describes headers/connectors, specifically for printed circuit boards (PCBs). These are likely edge connectors or similar.
️· Product lines mentioned: STL130, STL140, and STL132. The STL130 and STL132 are similar series, while STL140 appears to be a variant of the STL130. The use of "STL(Z)" suggests a possible variant.
2. Key Features/Specifications:
️· Dimensions: The document provides dimensional information in both millimeters and inches. Key dimensions mentioned are:
- Pin diameters: 1.0mm, 1.3mm
- Lengths: 5.50mm, 6.00mm, 11.80mm, 12.5mm, 15.00mm
️· Pin Counts: The document lists available pin counts ranging from 2 to 24.
️· "Z" Designation: A variant or special type (e.g., different plating, marking) possibly denoted with a "Z" suffix (STL(Z)).
️· Application Note: A note that "To insure proper pin positioning, install header into AK130 or AK132 Plug before soldering into board".
3. Series Breakdown (with available pin counts and lengths):
| Series | Pin Count | Length (mm) | Length (in) |
|---|---|---|---|
| STL130 | 2 | 5.50 | 0.217 |
| STL130 | 3 | 6.00 | 0.236 |
| STL130 | 4 | 11.80 | 0.465 |
| STL130 | 5 | 12.50 | 0.492 |
| STL130 | 6 | 15.00 | 0.591 |
| STL130 | 10 | 50.00 | 1.97 |
| STL130 | 11 | 55.00 | 2.17 |
| STL130 | 12 | 60.00 | 2.36 |
| STL130 | 13 | 65.00 | 2.56 |
| STL130 | 14 | 70.00 | 2.76 |
| STL130 | 15 | 75.00 | 2.95 |
| STL130 | 16 | 80.00 | 3.15 |
| STL130 | 24 | 120.00 | 4.72 |
| STL132 | 2 | 5.50 | 0.217 |
| STL132 | 3 | 6.00 | 0.236 |
| STL132 | 4 | 11.80 | 0.465 |
| STL132 | 5 | 12.50 | 0.492 |
| STL132 | 10 | 50.00 | 1.97 |
| STL132 | 11 | 55.00 | 2.17 |
| STL132 | 12 | 60.00 | 2.36 |
| STL132 | 13 | 65.00 | 2.56 |
| STL132 | 14 | 70.00 | 2.76 |
| STL132 | 15 | 75.00 | 2.95 |
| STL132 | 16 | 80.00 | 3.15 |
| STL132 | 24 | 120.00 | 4.72 |
| STL140 | 2 | 5.50 | 0.217 |
| STL140 | 3 | 6.00 | 0.236 |
| STL140 | 4 | 11.80 | 0.465 |
| STL140 | 5 | 12.50 | 0.492 |
| STL140 | 10 | 50.00 | 1.97 |
| STL140 | 11 | 55.00 | 2.17 |
| STL140 | 12 | 60.00 | 2.36 |
| STL140 | 13 | 65.00 | 2.56 |
| STL140 | 14 | 70.00 | 2.76 |
| STL140 | 15 | 75.00 | 2.95 |
| STL140 | 16 | 80.00 | 3.15 |
| STL140 | 24 | 120.00 | 4.72 |
| Part No. | 32.502 |
| Manufacturer | ALTECH |
| Size | 32 Kbytes |
| Pages | 1 page |
| Description | Metric Pin Spacinga Pin Headers |