| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE44029 Datasheet
# Example questions:
➢ What is the impedance, in ohms, of this sma male connector?
➢ How much torque, in inch-lbs, is required for the coupling nut?
➢ Which materials are used for the contact and coupling nut?
# SMA Male Connector - PE44029
## Configuration
· Connector Type: SMA Male
· Interface Type: 0.015 inch Pin
· Cable Attachment: Field Replaceable
· Body Style: Straight
· Mount Method: 2 Hole Flange
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.5 in [12.7 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Height: 0.64 in [16.26 mm]
· Weight: 0.013 lbs [5.9 g]
· Hex Size: 5/16 in
· Torque: 5 in-lbs [0.57 Nm]
## Materials & Plating
· Contact Material/Plating: Gold
· Coupling Nut Material/Plating: Brass, Nickel
· Body Material/Plating: Passivated Stainless Steel
· Dielectric Type: PTFE
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Part Number: PE44029
· Availability: 99%
· Website: [http://www.pasternack.com/sma-male-standard-0.015-pin-connector-pe44029-p.aspx](http://www.pasternack.com/sma-male-standard-0.015-pin-connector-pe44029-p.aspx)
· Same day shipment available.
# SMA Male Connector - PE44029
## Configuration
· Connector Type: SMA Male
· Interface Type: 0.015 inch Pin
· Cable Attachment: Field Replaceable
· Body Style: Straight
· Mount Method: 2 Hole Flange
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.5 in [12.7 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Height: 0.64 in [16.26 mm]
· Weight: 0.013 lbs [5.9 g]
· Hex Size: 5/16 in
· Torque: 5 in-lbs [0.57 Nm]
## Materials & Plating
· Contact Material/Plating: Gold
· Coupling Nut Material/Plating: Brass, Nickel
· Body Material/Plating: Passivated Stainless Steel
· Dielectric Type: PTFE
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Part Number: PE44029
· Availability: 99%
· Website: [http://www.pasternack.com/sma-male-standard-0.015-pin-connector-pe44029-p.aspx](http://www.pasternack.com/sma-male-standard-0.015-pin-connector-pe44029-p.aspx)
· Same day shipment available.
| Part No. | PE44029 |
| Manufacturer | PASTERNACK |
| Size | 825 Kbytes |
| Pages | 3 pages |
| Description | SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin |