| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE8237 Datasheet
# Example questions:
➢ What is the maximum operating voltage supported by this dc block?
➢ How does the length of this device, expressed in both inches and millimeters, compare to the available space in my application?
➢ Which materials are used for the inner conductor plating of both connector 1 and connector 2?
# 50 Ohm 2.4mm DC Block (PE8237)
## Technical Specifications
️· Impedance: 50 Ohms
️· Frequency Range: 0.1 to 50 GHz
️· VSWR: 1.75:1 (Maximum)
️· Insertion Loss: 1.5 dB (Maximum)
️· Maximum Operating Voltage: 75 Vrms
## Mechanical Specifications
️· Length: 1.125 in [28.58 mm]
️· Width/Diameter: 0.312 in [7.92 mm]
️· Connectors: 2.4mm Male to 2.4mm Female
## Materials
️· Inner Conductor Material (Both Connectors): Beryllium Copper with Gold Plating
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE8237
️· URL: [http://www.pasternack.com/50-ohm-2.4mm-inner-dc-block-0.1-50-ghz-pe8237-p.aspx](http://www.pasternack.com/50-ohm-2.4mm-inner-dc-block-0.1-50-ghz-pe8237-p.aspx)
️· Availability: 99%
️· Dimensions: Refer to CAD drawing for detailed dimensional information.
️· Notes: Specifications subject to change without notice. All dimensions are nominal.
# 50 Ohm 2.4mm DC Block (PE8237)
## Technical Specifications
️· Impedance: 50 Ohms
️· Frequency Range: 0.1 to 50 GHz
️· VSWR: 1.75:1 (Maximum)
️· Insertion Loss: 1.5 dB (Maximum)
️· Maximum Operating Voltage: 75 Vrms
## Mechanical Specifications
️· Length: 1.125 in [28.58 mm]
️· Width/Diameter: 0.312 in [7.92 mm]
️· Connectors: 2.4mm Male to 2.4mm Female
## Materials
️· Inner Conductor Material (Both Connectors): Beryllium Copper with Gold Plating
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE8237
️· URL: [http://www.pasternack.com/50-ohm-2.4mm-inner-dc-block-0.1-50-ghz-pe8237-p.aspx](http://www.pasternack.com/50-ohm-2.4mm-inner-dc-block-0.1-50-ghz-pe8237-p.aspx)
️· Availability: 99%
️· Dimensions: Refer to CAD drawing for detailed dimensional information.
️· Notes: Specifications subject to change without notice. All dimensions are nominal.
| Part No. | PE8237 |
| Manufacturer | PASTERNACK |
| Size | 203 Kbytes |
| Pages | 3 pages |
| Description | 50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz |