công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ULN2003 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ULN2003 Datasheet

  • # Example questions: ➢ What package types are available for the uln2003a?
    ➢ What revision number was the datasheet at when it was last updated on june 1st, 2012?
    ➢ What is the maximum collector current (ic) for the uln2001a, as implied by the provided datasheet information?

  • Part No.ULN2003
    ManufacturerSTMICROELECTRONICS
    Size930 Kbytes
    Pages16 pages
    DescriptionSeven Darlington array
    Datasheet Summary with AI

    This document is a datasheet for the STMicroelectronics ULN2001, ULN2002, ULN2003, and ULN2004 Darlington transistor arrays. Here's a summary of the key information:

    What it is: These are NPN Darlington transistor arrays, meaning they are used to amplify small input currents to control larger loads (like relays, LEDs, or motors). Each array has 8 channels.

    Key Features:

    ️· High Current Capacity: Each channel can handle up to 500mA.
    ️· High Voltage Capacity: Up to 50V.
    ️· Low Input Current: Requires very little current to turn on.
    ️· Available Packages: DIP-16 and SO-16.

    Typical Applications:

    ️· Relay drivers
    ️· LED displays
    ️· Stepper motor control
    ️· Solenoid drivers
    ️· General switching applications

    Key Sections of the Datasheet:


    ️· Electrical Characteristics: Details all the performance specifications like voltage, current, and resistance.
    ️· Absolute Maximum Ratings: The limits of voltage and current to avoid damage to the device.
    ️· Package Information: Mechanical dimensions of the DIP-16 and SO-16 packages.
    ️· Order Codes: Lists the available part numbers for each package type.
    ️· Revision History: Shows changes made in different versions of the document.



    In short, this datasheet provides all the technical details needed to properly use these Darlington transistor arrays in a variety of electronic applications.

    What it is: These are NPN Darlington transistor arrays, meaning they are used to amplify small input currents to control larger loads (like relays, LEDs, or motors). Each array has 8 channels.

    Key Features:

    ️· High Current Capacity: Each channel can handle up to 500mA.
    ️· High Voltage Capacity: Up to 50V.
    ️· Low Input Current: Requires very little current to turn on.
    ️· Available Packages: DIP-16 and SO-16.

    Typical Applications:

    ️· Relay drivers
    ️· LED displays
    ️· Stepper motor control
    ️· Solenoid drivers
    ️· General switching applications

    Key Sections of the Datasheet:

    ️· Electrical Characteristics: Details all the performance specifications like voltage, current, and resistance.
    ️· Absolute Maximum Ratings: The limits of voltage and current to avoid damage to the device.
    ️· Package Information: Mechanical dimensions of the DIP-16 and SO-16 packages.
    ️· Order Codes: Lists the available part numbers for each package type.
    ️· Revision History: Shows changes made in different versions of the document.



    In short, this datasheet provides all the technical details needed to properly use these Darlington transistor arrays in a variety of electronic applications.

    Part No.ULN2003
    ManufacturerSTMICROELECTRONICS
    Size930 Kbytes
    Pages16 pages
    DescriptionSeven Darlington array