công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SWS75-12 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SWS75-12 Datasheet

  • # Example questions: ➢ What safety certifications does the sws series power supply have?
    ➢ What is the operating temperature range for the sws150 model, considering derating?
    ➢ What emi filters are recommended for the sws series, and what standards do they meet?

  • Part No.SWS75-12
    ManufacturerTDK
    Size487 Kbytes
    Pages2 pages
    DescriptionSingle Output General Purpose Power Supplies
    Datasheet Summary with AI

    # SWS Series Single Output Power Supplies

    ## Features
    ️· Low Cost
    ️· Power Factor Correction (EN61000-3-2)
    ️· Universal Input: 85-265VAC (47-63Hz) or 120-370VDC
    ️· Input Transient Protection (IEC61000-4)
    ️· Enclosed
    ️· Global Safety Approvals (UL60950-1, CSA60950-1, EN60950-1, CE, EN50178)
    ️· Level B EMI (EN55011/EN55022, FCC Class B, VCCI-B)

    ## Specifications (Common to all models: SWS50, SWS75, SWS100, SWS150)
    ️· Operating Temperature: -10 to +70°C (derating applies - see table)
    ️· Storage Temperature: -30 to +85°C
    ️· Operating Humidity: 30-90% RH
    ️· Storage Humidity: 10-95% RH
    ️· Cooling: Convection
    ️· Isolation Resistance: >100M Ohms @ 25°C & 70% RH
    ️· Vibration: 19.6m/s² (10-55Hz, 1 min)
    ️· Shock: <196.1 m/s² (20G)

    ## Model Specifics (Example: SWS50, SWS75, SWS100, SWS150)
    ️· Inrush Current: 20/40A, 16/32A, 1.2/0.6A, 1.8/0.9A (115/230VAC)
    ️· Input Current: 1.2/0.6A, 1.6/0.8A, 1.2/0.6A, 1.8/0.9A (115/230VAC)
    ️· Temperature Coefficient: <0.02%/°C
    ️· Total Regulation: <5%
    ️· Overcurrent Protection: >105%, Constant Current
    ️· Overvoltage Protection: 115-135%, Cycle AC line reset
    ️· Hold Up Time: 20ms @ 115VAC
    ️· Leakage Current: 1mA (0.6mA typ @ 230VAC), 0.75mA (0.5mA typ @ 230VAC)
    ️· Weight: 400g, 480g, 600g, 750g
    ️· Size (WxHxD): 3.62 x 1.46 x 6.26 in, 3.7 x 1.69 x 6.69 in, 3.78 x 1.77 x 7.4 in, 3.9 x 2 x 7.8 in
    ️· Warranty: Two Years

    ## Derating
    ️· Derate to 85% load below 100VAC input.
    ️· Derate to 80% load from 0 to -10°C

    ## Options
    ️· /CO2: Double-sided conformal coating.

    ## Recommended EMI Filter
    ️· RSEL-2002W
    ️· RSEL-2003W

    # SWS Series Single Output Power Supplies

    ## Features
    ️· Low Cost
    ️· Power Factor Correction (EN61000-3-2)
    ️· Universal Input: 85-265VAC (47-63Hz) or 120-370VDC
    ️· Input Transient Protection (IEC61000-4)
    ️· Enclosed
    ️· Global Safety Approvals (UL60950-1, CSA60950-1, EN60950-1, CE, EN50178)
    ️· Level B EMI (EN55011/EN55022, FCC Class B, VCCI-B)

    ## Specifications (Common to all models: SWS50, SWS75, SWS100, SWS150)
    ️· Operating Temperature: -10 to +70°C (derating applies - see table)
    ️· Storage Temperature: -30 to +85°C
    ️· Operating Humidity: 30-90% RH
    ️· Storage Humidity: 10-95% RH
    ️· Cooling: Convection
    ️· Isolation Resistance: >100M Ohms @ 25°C & 70% RH
    ️· Vibration: 19.6m/s² (10-55Hz, 1 min)
    ️· Shock: <196.1 m/s² (20G)

    ## Model Specifics (Example: SWS50, SWS75, SWS100, SWS150)
    ️· Inrush Current: 20/40A, 16/32A, 1.2/0.6A, 1.8/0.9A (115/230VAC)
    ️· Input Current: 1.2/0.6A, 1.6/0.8A, 1.2/0.6A, 1.8/0.9A (115/230VAC)
    ️· Temperature Coefficient: <0.02%/°C
    ️· Total Regulation: <5%
    ️· Overcurrent Protection: >105%, Constant Current
    ️· Overvoltage Protection: 115-135%, Cycle AC line reset
    ️· Hold Up Time: 20ms @ 115VAC
    ️· Leakage Current: 1mA (0.6mA typ @ 230VAC), 0.75mA (0.5mA typ @ 230VAC)
    ️· Weight: 400g, 480g, 600g, 750g
    ️· Size (WxHxD): 3.62 x 1.46 x 6.26 in, 3.7 x 1.69 x 6.69 in, 3.78 x 1.77 x 7.4 in, 3.9 x 2 x 7.8 in
    ️· Warranty: Two Years

    ## Derating
    ️· Derate to 85% load below 100VAC input.
    ️· Derate to 80% load from 0 to -10°C

    ## Options
    ️· /CO2: Double-sided conformal coating.

    ## Recommended EMI Filter
    ️· RSEL-2002W
    ️· RSEL-2003W

    Part No.SWS75-12
    ManufacturerTDK
    Size487 Kbytes
    Pages2 pages
    DescriptionSingle Output General Purpose Power Supplies