công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.U74LVC00AG-P14-R
MfrUTC
Size175 Kbytes
Pages5 pages
DescriptionQUAD 2-INPUT NAND GATE
Datasheet SummaryAI
# U74LVC00A CMOS IC

## Description
️· Quad 2-Input NAND Gate
️· Positive logic circuit: Y = A B or Y = A + B
️· Includes power-down protective circuit

## Features
️· Operating Voltage: 1.5V to 3.6V
️· Input Voltage Range: Up to 5.5V
️· High Noise Immunity
️· Low Power Dissipation
️· Propagation Delay: Max 5ns at 3.3V

## Pin Configuration
️· 1A, 1B, 1Y, 2A, 2B, 2Y, 3A, 3B, 3Y, 4A, 4B, 4Y - Input/Output Pins
️· GND - Ground
️· VCC - Power Supply

## Function Table
️· Input A, Input B | Output Y
️· H, H | L
️· H, L | H
️· L, H | H
️· L, L | H

## Absolute Maximum Ratings
️· Supply Voltage (VCC): -0.5 to 6.5V
️· Input Voltage (VIN): -0.5 to 6.5V
️· Output Voltage (VOUT): -0.5 to VCC + 0.5V
️· Continuous Output Current (IOUT): ±50mA
️· Power Dissipation (PD): 500mW
️· Storage Temperature (TSTG): -65 to +150°C

## Recommended Operating Conditions
️· Supply Voltage (VCC): 1.65V to 3.6V
️· Operating Ambient Temperature (TA): -40 to 85°C

## Electrical Characteristics (TA = 25°C)
️· High-Level Output Voltage (VOH): VCC - 0.2V to 2.4V (depending on IOH and VCC)
️· Low-Level Output Voltage (VOL): 0.2V to 0.55V (depending on IOL and VCC)
️· Input Leakage Current (II(LEAK)): ±5μA
️· Quiescent Supply Current (IQ): 10μA

## Switching Characteristics (TA = 25°C)
️· Propagation Delay (tPD): 4.3ns to 5.1ns (depending on VCC, RL, and CL)

## Ordering Information
️· U74LVC00AG-P14-R: TSSOP-14 package, Tape Reel packing
U74LVC00AG-P14-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about U74LVC00AG-P14-R Datasheet.
    Example questions: ➤ What is the typical power dissipation capacitance (cpd) of the u74lvc00a under the specified test conditions?➤ What is the maximum low-level input voltage (vil) when vcc is between 3v and 7v?➤ What is the typical operating temperature range for the u74lvc00a, as specified in the datasheet?
  • Datasheet Details
    Part No.U74LVC00AG-P14-R
    ManufacturerUTC
    Size175 Kbytes
    Pages5 pages
    DescriptionQUAD 2-INPUT NAND GATE
    Datasheet Summary AI Expand summary
    # U74LVC00A CMOS IC

    ## Description
    ️· Quad 2-Input NAND Gate
    ️· Positive logic circuit: Y = A B or Y = A + B
    ️· Includes power-down protective circuit

    ## Features
    ️· Operating Voltage: 1.5V to 3.6V
    ️· Input Voltage Range: Up to 5.5V
    ️· High Noise Immunity
    ️· Low Power Dissipation
    ️· Propagation Delay: Max 5ns at 3.3V

    ## Pin Configuration
    ️· 1A, 1B, 1Y, 2A, 2B, 2Y, 3A, 3B, 3Y, 4A, 4B, 4Y - Input/Output Pins
    ️· GND - Ground
    ️· VCC - Power Supply

    ## Function Table
    ️· Input A, Input B | Output Y
    ️· H, H | L
    ️· H, L | H
    ️· L, H | H
    ️· L, L | H

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VCC): -0.5 to 6.5V
    ️· Input Voltage (VIN): -0.5 to 6.5V
    ️· Output Voltage (VOUT): -0.5 to VCC + 0.5V
    ️· Continuous Output Current (IOUT): ±50mA
    ️· Power Dissipation (PD): 500mW
    ️· Storage Temperature (TSTG): -65 to +150°C

    ## Recommended Operating Conditions
    ️· Supply Voltage (VCC): 1.65V to 3.6V
    ️· Operating Ambient Temperature (TA): -40 to 85°C

    ## Electrical Characteristics (TA = 25°C)
    ️· High-Level Output Voltage (VOH): VCC - 0.2V to 2.4V (depending on IOH and VCC)
    ️· Low-Level Output Voltage (VOL): 0.2V to 0.55V (depending on IOL and VCC)
    ️· Input Leakage Current (II(LEAK)): ±5μA
    ️· Quiescent Supply Current (IQ): 10μA

    ## Switching Characteristics (TA = 25°C)
    ️· Propagation Delay (tPD): 4.3ns to 5.1ns (depending on VCC, RL, and CL)

    ## Ordering Information
    ️· U74LVC00AG-P14-R: TSSOP-14 package, Tape Reel packing