| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SC5353 Datasheet
# Example questions:
➢ What is the maximum collector current (ic) specified for the 2sc5353?
➢ What is the maximum collector-base voltage (vcbo) that the 2sc5353 can withstand?
➢ What is the typical storage time (tstg) for the 2sc5353 transistor?
# 2SC5353 NPN SILICON TRANSISTOR
## DESCRIPTION
️· High voltage NPN transistor for switching regulator and high-speed DC-DC converter applications.
## FEATURES
️· Excellent switching times: tR = 0.7μs (MAX), tF = 0.5μs (MAX)
️· High collector-base breakdown voltage: VCEO = 700V
## ORDERING INFORMATION
️· Packages: TO-126, TO-126C, TO-220, TO-220F
️· Pin Assignment: Base (B), Collector (C), Emitter (E)
️· Available Options: Lead Free & Halogen Free
## ABSOLUTE MAXIMUM RATINGS (Tc = 25℃)
️· Collector-Base Voltage (V<sub>CBO</sub>): 900V
️· Collector-Emitter Voltage (V<sub>CEO</sub>): 700V
️· Emitter-Base Voltage (V<sub>EBO</sub>): 7V
️· Collector Current (I<sub>C</sub>): 3A
️· Pulse Collector Current (I<sub>CP</sub>): 5A
️· Base Current (I<sub>B</sub>): 1A
️· Collector Power Dissipation (P<sub>D</sub>): 20-25W (depending on package)
️· Junction Temperature (T<sub>J</sub>): +150℃
️· Storage Temperature (T<sub>STG</sub>): -40 ~ +150℃
## ELECTRICAL CHARACTERISTICS (Tc = 25℃)
️· Collector-Base Breakdown Voltage (BVCBO): 900V
️· Collector-Emitter Breakdown Voltage (BVCEO): 700V
️· Collector Cut-off Current (ICBO): 100µA
️· Emitter Cut-off Current (IEBO): 10µA
️· DC Current Gain (hFE1): 10 (VCE=5V, IC=1mA)
️· DC Current Gain (hFE2): 15 (VCE=5V, IC=0.15A)
️· Collector-Emitter Saturation Voltage (VCE(SAT)): 1.0V (IC=1.2A, IB=0.24A)
️· Base-Emitter Saturation Voltage (VBE(SAT)): 1.3V (IC=1.2A, IB=0.24A)
️· Rise Time (tR): 0.7µs
️· Storage Time (tSTG): 4.0µs
️· Fall Time (tF): 0.5µs
# 2SC5353 NPN SILICON TRANSISTOR
## DESCRIPTION
️· High voltage NPN transistor for switching regulator and high-speed DC-DC converter applications.
## FEATURES
️· Excellent switching times: tR = 0.7μs (MAX), tF = 0.5μs (MAX)
️· High collector-base breakdown voltage: VCEO = 700V
## ORDERING INFORMATION
️· Packages: TO-126, TO-126C, TO-220, TO-220F
️· Pin Assignment: Base (B), Collector (C), Emitter (E)
️· Available Options: Lead Free & Halogen Free
## ABSOLUTE MAXIMUM RATINGS (Tc = 25℃)
️· Collector-Base Voltage (V<sub>CBO</sub>): 900V
️· Collector-Emitter Voltage (V<sub>CEO</sub>): 700V
️· Emitter-Base Voltage (V<sub>EBO</sub>): 7V
️· Collector Current (I<sub>C</sub>): 3A
️· Pulse Collector Current (I<sub>CP</sub>): 5A
️· Base Current (I<sub>B</sub>): 1A
️· Collector Power Dissipation (P<sub>D</sub>): 20-25W (depending on package)
️· Junction Temperature (T<sub>J</sub>): +150℃
️· Storage Temperature (T<sub>STG</sub>): -40 ~ +150℃
## ELECTRICAL CHARACTERISTICS (Tc = 25℃)
️· Collector-Base Breakdown Voltage (BVCBO): 900V
️· Collector-Emitter Breakdown Voltage (BVCEO): 700V
️· Collector Cut-off Current (ICBO): 100µA
️· Emitter Cut-off Current (IEBO): 10µA
️· DC Current Gain (hFE1): 10 (VCE=5V, IC=1mA)
️· DC Current Gain (hFE2): 15 (VCE=5V, IC=0.15A)
️· Collector-Emitter Saturation Voltage (VCE(SAT)): 1.0V (IC=1.2A, IB=0.24A)
️· Base-Emitter Saturation Voltage (VBE(SAT)): 1.3V (IC=1.2A, IB=0.24A)
️· Rise Time (tR): 0.7µs
️· Storage Time (tSTG): 4.0µs
️· Fall Time (tF): 0.5µs
| Part No. | 2SC5353 |
| Manufacturer | UTC |
| Size | 266 Kbytes |
| Pages | 4 pages |
| Description | HIGH VOLTAGE NPN TRANSISTOR |