công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL78301 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ISL78301 Datasheet

  • # Example questions: ➢ What is the typical shutdown current of the isl78301 when the enable pin is pulled low?
    ➢ What is the recommended minimum capacitance for the input capacitor?
    ➢ At what temperature does the output typically shut down due to overheating?

  • Part No.ISL78301
    ManufacturerINTERSIL
    Size401 Kbytes
    Pages10 pages
    Description40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
    Datasheet Summary with AI

    1. Overview:

    ️· What it is: A high-performance, high-voltage, low-dropout (LDO) regulator.
    ️· Sourcing Capability: 150mA
    ️· Temperature Range: -40°C to +125°C (automotive grade)
    ️· Key Features:
    - Ultra-low quiescent current (ideal for "always-on" applications)
    - High-voltage tolerance (can handle up to 40V input under load dump conditions)
    - Can operate down to 3V input ("cold crank" condition)
    - Current limit and thermal shutdown protection

    2. Functional Description:

    ️· Enable Pin: Controls the device on/off. Low = shutdown (very low current draw).
    ️· Current Limit: Protects the regulator during overload or short-circuit conditions.
    ️· Thermal Shutdown: Shuts down the regulator if the die temperature exceeds +165°C, preventing damage. The device restarts once the temperature cools down to +145°C.

    3. Application Information:

    ️· Input/Output Capacitors:
    - Minimum 0.1µF ceramic capacitor at the input.
    - Recommended 10µF ceramic capacitor at the output for stability. Close to the IC with short, direct ground connections.
    ️· Output Voltage Setting (Adjustable Version): Uses an external resistor divider.
    ️· Power Dissipation: Critical for thermal management. Requires careful consideration of the PCB layout and heat sinking.
    ️· PCB Layout Recommendations:
    - Minimize ground impedance.
    - Keep parasitic inductance low.
    - Place capacitors close to the IC with short ground connections.
    - Keep feedback traces away from noisy traces.
    - The EPAD of the package MUST be soldered to a copper plane (ground plane) for effective heat dissipation.
    ️· Thermal Resistance: Provided in Figure 13, showing how thermal resistance (θJA) changes with copper area.

    4. Key Equations & Parameters:

    ️· Output Voltage Calculation (Adjustable Version):
    - V OUT = 1.223V × ⎛⎜⎝R ----- R 12 - + 1⎞⎟⎠
    ️· Power Dissipation:
    - P D = (V IN – V OUT ) × I OUT + V IN × I GND
    ️· Junction Temperature Rise:
    - ΔT J = T J MAX( ) – T A MAX( )
    ️· Maximum Ambient Temperature:
    - T J MAX( ) = P D MAX( ) [ x ][θ] JA + T A
    ️· Shutdown Current: Less than 2µA
    ️· Current Limit: Protection during short circuits/overload
    ️· Thermal Shutdown Temperature: output shutdown at +165°C. Restarts at +145°C.

    1. Overview:

    ️· What it is: A high-performance, high-voltage, low-dropout (LDO) regulator.
    ️· Sourcing Capability: 150mA
    ️· Temperature Range: -40°C to +125°C (automotive grade)
    ️· Key Features:
    - Ultra-low quiescent current (ideal for "always-on" applications)
    - High-voltage tolerance (can handle up to 40V input under load dump conditions)
    - Can operate down to 3V input ("cold crank" condition)
    - Current limit and thermal shutdown protection

    2. Functional Description:

    ️· Enable Pin: Controls the device on/off. Low = shutdown (very low current draw).
    ️· Current Limit: Protects the regulator during overload or short-circuit conditions.
    ️· Thermal Shutdown: Shuts down the regulator if the die temperature exceeds +165°C, preventing damage. The device restarts once the temperature cools down to +145°C.

    3. Application Information:

    ️· Input/Output Capacitors:
    - Minimum 0.1µF ceramic capacitor at the input.
    - Recommended 10µF ceramic capacitor at the output for stability. Close to the IC with short, direct ground connections.
    ️· Output Voltage Setting (Adjustable Version): Uses an external resistor divider.
    ️· Power Dissipation: Critical for thermal management. Requires careful consideration of the PCB layout and heat sinking.
    ️· PCB Layout Recommendations:
    - Minimize ground impedance.
    - Keep parasitic inductance low.
    - Place capacitors close to the IC with short ground connections.
    - Keep feedback traces away from noisy traces.
    - The EPAD of the package MUST be soldered to a copper plane (ground plane) for effective heat dissipation.
    ️· Thermal Resistance: Provided in Figure 13, showing how thermal resistance (θJA) changes with copper area.

    4. Key Equations & Parameters:

    ️· Output Voltage Calculation (Adjustable Version):
    - V OUT = 1.223V × ⎛⎜⎝R ----- R 12 - + 1⎞⎟⎠
    ️· Power Dissipation:
    - P D = (V IN – V OUT ) × I OUT + V IN × I GND
    ️· Junction Temperature Rise:
    - ΔT J = T J MAX( ) – T A MAX( )
    ️· Maximum Ambient Temperature:
    - T J MAX( ) = P D MAX( ) [ x ][θ] JA + T A
    ️· Shutdown Current: Less than 2µA
    ️· Current Limit: Protection during short circuits/overload
    ️· Thermal Shutdown Temperature: output shutdown at +165°C. Restarts at +145°C.

    Part No.ISL78301
    ManufacturerINTERSIL
    Size401 Kbytes
    Pages10 pages
    Description40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications