công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS40W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAS40W Datasheet

  • # Example questions: ➢ What is the maximum permissible forward current for this diode?
    ➢ How does the diode capacitance change with varying reverse voltage?
    ➢ What is the typical junction temperature for the bas 40w diode?

  • Part No.BAS40W
    ManufacturerSIEMENS
    Size141 Kbytes
    Pages4 pages
    DescriptionSilicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
    Datasheet Summary with AI

    # Silicon Schottky Diode BAS 40W

    ## General Description
    · General-purpose diodes for high-speed switching, circuit protection, voltage clamping, and high-level detecting/mixing.

    ## Product Variants
    Type Ordering Code (tape & reel) Pin Configuration Marking Package
    BAS 40-04W Q62702-A1065 A1 44s SOT-323
    BAS 40-05W Q62702-A1066 A1 45s SOT-323
    BAS 40-06W Q62702-A1067 C1 46s SOT-323

    ## Maximum Ratings
    · Reverse Voltage (VR): 40 V
    · Forward Current (IF): 120 mA
    · Surge Forward Current (IFSM): 200 mA (t ≤ 10 ms)
    · Total Power Dissipation (Ptot): 250 mW (TS ≤ 106 °C)
    · Junction Temperature (Tj): 150 °C
    · Operating Temperature Range (Top): -55 to +150 °C
    · Storage Temperature Range (Tstg): -55 to +150 °C

    ## Thermal Resistance
    · Junction-Ambient (Rth JA): ≤ 395 K/W
    · Junction-Soldering Point (Rth JS): ≤ 175 K/W

    ## Electrical Characteristics (TA = 25°C)
    · Breakdown Voltage (VBR, IBR = 10 µA): 40 V
    · Forward Voltage (VF)
    - IF = 1 mA: 250 mV (typ)
    - IF = 10 mA: 350 mV (typ)
    - IF = 15 mA: 600 mV (typ)
    · Reverse Current (IR)
    - VR = 30 V: ≤ 1 µA
    - VR = 40 V: ≤ 10 µA
    · Diode Capacitance (CT, VR = 0 V, f = 1 MHz): ≤ 35 pF
    · Charge Carrier Lifetime (IF = 25 mA): ≥ 10 ps
    · Differential Forward Resistance (IF = 10 mA, f = 10 kHz): ≤ 10 Ω
    · Series Inductance (LS): ≤ 2 nH

    ## Graphs (refer to datasheet for visual representation)
    · Forward current vs. Forward voltage (IF = f(VF))
    · Diode capacitance vs. Reverse voltage (CT = f(VR))
    · Reverse current vs. Reverse voltage (IR = f(VR))
    · Differential forward resistance vs. Forward Current (RF = f(IF))
    · Forward current vs. Ambient/Soldering temperature (IF = f(TA;TS*))
    · Permissible pulse load vs. pulse duration (IFmax / IFDC = f(tp))
    · Permissible load vs. pulse duration (RthJS = f(tp))

    # Silicon Schottky Diode BAS 40W

    ## General Description
    · General-purpose diodes for high-speed switching, circuit protection, voltage clamping, and high-level detecting/mixing.

    ## Product Variants
    Type Ordering Code (tape & reel) Pin Configuration Marking Package
    BAS 40-04W Q62702-A1065 A1 44s SOT-323
    BAS 40-05W Q62702-A1066 A1 45s SOT-323
    BAS 40-06W Q62702-A1067 C1 46s SOT-323

    ## Maximum Ratings
    · Reverse Voltage (VR): 40 V
    · Forward Current (IF): 120 mA
    · Surge Forward Current (IFSM): 200 mA (t ≤ 10 ms)
    · Total Power Dissipation (Ptot): 250 mW (TS ≤ 106 °C)
    · Junction Temperature (Tj): 150 °C
    · Operating Temperature Range (Top): -55 to +150 °C
    · Storage Temperature Range (Tstg): -55 to +150 °C

    ## Thermal Resistance
    · Junction-Ambient (Rth JA): ≤ 395 K/W
    · Junction-Soldering Point (Rth JS): ≤ 175 K/W

    ## Electrical Characteristics (TA = 25°C)
    · Breakdown Voltage (VBR, IBR = 10 µA): 40 V
    · Forward Voltage (VF)
    - IF = 1 mA: 250 mV (typ)
    - IF = 10 mA: 350 mV (typ)
    - IF = 15 mA: 600 mV (typ)
    · Reverse Current (IR)
    - VR = 30 V: ≤ 1 µA
    - VR = 40 V: ≤ 10 µA
    · Diode Capacitance (CT, VR = 0 V, f = 1 MHz): ≤ 35 pF
    · Charge Carrier Lifetime (IF = 25 mA): ≥ 10 ps
    · Differential Forward Resistance (IF = 10 mA, f = 10 kHz): ≤ 10 Ω
    · Series Inductance (LS): ≤ 2 nH

    ## Graphs (refer to datasheet for visual representation)
    · Forward current vs. Forward voltage (IF = f(VF))
    · Diode capacitance vs. Reverse voltage (CT = f(VR))
    · Reverse current vs. Reverse voltage (IR = f(VR))
    · Differential forward resistance vs. Forward Current (RF = f(IF))
    · Forward current vs. Ambient/Soldering temperature (IF = f(TA;TS*))
    · Permissible pulse load vs. pulse duration (IFmax / IFDC = f(tp))
    · Permissible load vs. pulse duration (RthJS = f(tp))

    Part No.BAS40W
    ManufacturerSIEMENS
    Size141 Kbytes
    Pages4 pages
    DescriptionSilicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)