| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS5214CYRM Datasheet
# Example questions:
➢ How does the marking on the package indicate the voltage code of the ts5214 regulator?
➢ What are the different package types available for the ts5214 regulator, as listed in the document?
➢ What is the recommended capacitance for the input and output capacitors, and why are they important?
# TS5214 300mA Low Noise LDO Voltage Regulator
## General Description
TS5214 is an efficient linear voltage regulator with ultra-low noise, low dropout voltage (typically 20mV at light loads, 350mV at 300mA at 5V), and low power consumption (600uA at 100mA). Includes precision voltage reference, error correction, current limit, thermal shutdown, and reversed battery protection.
## Features
️· Ultra-Low Noise Output
️· Output Current up to 300mA (5V Version)
️· Low Dropout Voltage
️· Low Power Consumption
️· Internal Current Limit
️· Thermal Shutdown Protection
## Applications
️· Cellular Telephones
️· Palmtops, Notebook Computers
️· Battery Powered Equipment
️· Consumer & Portable Applications
️· SMPS Post Regulator & DC-DC Modules
️· High-efficiency Linear Power Supplies
## Electrical Specifications
️· Input Voltage: -20V to +20V (Recommended: +2.5V to +16V)
️· Output Voltage: (dependent on version - see Ordering Information)
️· Dropout Voltage: 20mV (100uA load) - 500mV (300mA 5V version)
️· Output Noise: 260 nV√Hz (50mA load, 2.2uF output capacitor)
️· Quiescent Current: 110uA (100uA load) to 4200uA (300mA 5V version)
## Ordering Information
| Part Number | Package | Packing |
|---|---|---|
| TS5214CXxx | SOT-23 | 3Kpcs / 7” Reel |
| TS5214CYxx | SOT-89 | 1Kpcs / 7” Reel |
| TS5214ACYxx | SOT-89 | 1Kpcs / 7” Reel |
| TS5214CWxx | SOT-223 | 2.5Kpcs / 13” Reel |
| TS5214CSxx | SOP-8 | 2.5Kpcs / 13” Reel |
# TS5214 300mA Low Noise LDO Voltage Regulator
## General Description
TS5214 is an efficient linear voltage regulator with ultra-low noise, low dropout voltage (typically 20mV at light loads, 350mV at 300mA at 5V), and low power consumption (600uA at 100mA). Includes precision voltage reference, error correction, current limit, thermal shutdown, and reversed battery protection.
## Features
️· Ultra-Low Noise Output
️· Output Current up to 300mA (5V Version)
️· Low Dropout Voltage
️· Low Power Consumption
️· Internal Current Limit
️· Thermal Shutdown Protection
## Applications
️· Cellular Telephones
️· Palmtops, Notebook Computers
️· Battery Powered Equipment
️· Consumer & Portable Applications
️· SMPS Post Regulator & DC-DC Modules
️· High-efficiency Linear Power Supplies
## Electrical Specifications
️· Input Voltage: -20V to +20V (Recommended: +2.5V to +16V)
️· Output Voltage: (dependent on version - see Ordering Information)
️· Dropout Voltage: 20mV (100uA load) - 500mV (300mA 5V version)
️· Output Noise: 260 nV√Hz (50mA load, 2.2uF output capacitor)
️· Quiescent Current: 110uA (100uA load) to 4200uA (300mA 5V version)
## Ordering Information
| Part Number | Package | Packing |
|---|---|---|
| TS5214CXxx | SOT-23 | 3Kpcs / 7” Reel |
| TS5214CYxx | SOT-89 | 1Kpcs / 7” Reel |
| TS5214ACYxx | SOT-89 | 1Kpcs / 7” Reel |
| TS5214CWxx | SOT-223 | 2.5Kpcs / 13” Reel |
| TS5214CSxx | SOP-8 | 2.5Kpcs / 13” Reel |
| Part No. | TS5214CYRM |
| Manufacturer | TSC |
| Size | 436 Kbytes |
| Pages | 8 pages |
| Description | 300mA Low Noise LDO Voltage Regulator |