| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SSR1505CT Datasheet
# Example questions:
➢ Which package option, cerpack or smd.5, has a lower thermal resistance (rθjc) and what is that value?
➢ How does the reverse leakage current (ir3) change as the temperature increases from 25ºc to 125ºc?
➢ What is the maximum average rectified forward current (io) this rectifier can handle at ta = 25ºc?
# SSR1505CTG thru SSR1507CTG & SSR1505CTS.5 thru SSR1507CTS.5
## General Information
️· Type: 15 AMP Centertap Schottky Rectifier
️· Voltage Range: 50 - 70 Volts
️· Screening Levels: TX, TXV, S levels available.
## Features
️· Extremely low forward voltage drop
️· Low reverse leakage
️· Hermetically sealed custom surface mount package
️· Guard ring for overvoltage protection
️· Eutectic die attach
️· 175ºC operating junction temperature
## Maximum Ratings
️· Peak Repetitive Reverse Voltage (VRRM): 50V, 60V, 70V (depending on model)
️· Average Rectified Forward Current (IO): 15 Amps
️· Peak Surge Current (IFSM): 100 Amps
️· Operating & Storage Temperature (TOP & Tstg): -65 to +175 °C
️· Thermal Resistance (RθJC): 1.6 °C/W (Cerpack & SMD.5)
## Electrical Characteristics (per leg)
️· Instantaneous Forward Voltage Drop (VF): Varies with current and temperature (see datasheet for specific values)
️· Reverse Leakage Current (IR): Varies with temperature (values provided for 25°C, 100°C, 125°C)
️· Junction Capacitance (CJ): 300 pF
## Package Information
️· Available Packages: Cerpack & SMD.5
️· Pinout:
- Pin 1: Anode 1
- Pin 2: Anode 2
- Tab: Cathode
️· Note: Connect anode terminals together for optimal performance.
# SSR1505CTG thru SSR1507CTG & SSR1505CTS.5 thru SSR1507CTS.5
## General Information
️· Type: 15 AMP Centertap Schottky Rectifier
️· Voltage Range: 50 - 70 Volts
️· Screening Levels: TX, TXV, S levels available.
## Features
️· Extremely low forward voltage drop
️· Low reverse leakage
️· Hermetically sealed custom surface mount package
️· Guard ring for overvoltage protection
️· Eutectic die attach
️· 175ºC operating junction temperature
## Maximum Ratings
️· Peak Repetitive Reverse Voltage (VRRM): 50V, 60V, 70V (depending on model)
️· Average Rectified Forward Current (IO): 15 Amps
️· Peak Surge Current (IFSM): 100 Amps
️· Operating & Storage Temperature (TOP & Tstg): -65 to +175 °C
️· Thermal Resistance (RθJC): 1.6 °C/W (Cerpack & SMD.5)
## Electrical Characteristics (per leg)
️· Instantaneous Forward Voltage Drop (VF): Varies with current and temperature (see datasheet for specific values)
️· Reverse Leakage Current (IR): Varies with temperature (values provided for 25°C, 100°C, 125°C)
️· Junction Capacitance (CJ): 300 pF
## Package Information
️· Available Packages: Cerpack & SMD.5
️· Pinout:
- Pin 1: Anode 1
- Pin 2: Anode 2
- Tab: Cathode
️· Note: Connect anode terminals together for optimal performance.
| Part No. | SSR1505CT |
| Manufacturer | SSDI |
| Size | 93 Kbytes |
| Pages | 2 pages |
| Description | CENTERTAP SCHOTTKY RECTIFIER |