công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

121-101-1-1-12BKS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 121-101-1-1-12BKS Datasheet

  • # Example questions: ➢ How does the material selection (k, e, f, p, t) affect the application, and are there any limitations to certain materials?
    ➢ Which shield types are available, and what material is used in a 'c' shield?
    ➢ What are the minimum and maximum outside diameters for a tubing size of 24?

  • Part No.121-101-1-1-12BKS
    ManufacturerGLENAIR
    Size331 Kbytes
    Pages1 page
    DescriptionHelical Convoluted Tubing
    Datasheet Summary with AI

    # Series 74 Helical Convoluted Tubing (AMS-T-81914)

    ## Product Description
    ️· Type D: Convoluted tubing with single external shield.

    ## Tubing Size and Dimensions (Table I)

    Tubing Size Inside Diameter (A) Minimum Bend Radius
    06 0.181 (4.6) 0.50 (12.7)
    09 0.273 (6.9) 0.75 (19.1)
    10 0.306 (7.8) 0.75 (19.1)
    12 0.359 (9.1) 0.88 (22.4)
    14 0.427 (10.8) 1.00 (25.4)
    16 0.480 (12.2) 1.25 (31.8)
    20 0.603 (15.3) 1.50 (38.1)
    24 0.725 (18.4) 1.75 (44.5)
    28 0.860 (21.8) 1.88 (47.8)
    32 0.970 (24.6) 2.25 (57.2)
    40 1.205 (30.6) 2.75 (69.9)
    48 1.437 (36.5) 3.25 (82.6)
    56 1.688 (42.9) 3.63 (92.2)
    64 1.937 (49.2) 4.25 (108.0)

    *Metric dimensions (mm) are in parentheses and are for reference only.*

    ## Part Number Breakdown
    ️· 121-101: Basic Part Number Series
    ️· Tubing Size: See Table I
    ️· Convolution: 1 - Standard, 2 - Close
    ️· Color: B - Black, C - Natural
    ️· Material: K - PEEK4, E - ETFE, F - FEP, P - PFA, T - PTFE3
    ️· Shield: A - Composite AmberStrand®, C - Stainless Steel, N - Nickel/Copper, S - SnCuFe, T - Tin/Copper

    ## Application Notes
    ️· Consult factory for thin-wall, close convolution combinations.
    ️· For PTFE, consult factory for maximum lengths.
    ️· Consult factory for PEEK4 minimum/maximum dimensions.
    ️· Class 1 - Standard Wall
    ️· Class 2 - Thin Wall

    # Series 74 Helical Convoluted Tubing (AMS-T-81914)

    ## Product Description
    ️· Type D: Convoluted tubing with single external shield.

    ## Tubing Size and Dimensions (Table I)

    Tubing Size Inside Diameter (A) Minimum Bend Radius
    06 0.181 (4.6) 0.50 (12.7)
    09 0.273 (6.9) 0.75 (19.1)
    10 0.306 (7.8) 0.75 (19.1)
    12 0.359 (9.1) 0.88 (22.4)
    14 0.427 (10.8) 1.00 (25.4)
    16 0.480 (12.2) 1.25 (31.8)
    20 0.603 (15.3) 1.50 (38.1)
    24 0.725 (18.4) 1.75 (44.5)
    28 0.860 (21.8) 1.88 (47.8)
    32 0.970 (24.6) 2.25 (57.2)
    40 1.205 (30.6) 2.75 (69.9)
    48 1.437 (36.5) 3.25 (82.6)
    56 1.688 (42.9) 3.63 (92.2)
    64 1.937 (49.2) 4.25 (108.0)

    *Metric dimensions (mm) are in parentheses and are for reference only.*

    ## Part Number Breakdown
    ️· 121-101: Basic Part Number Series
    ️· Tubing Size: See Table I
    ️· Convolution: 1 - Standard, 2 - Close
    ️· Color: B - Black, C - Natural
    ️· Material: K - PEEK4, E - ETFE, F - FEP, P - PFA, T - PTFE3
    ️· Shield: A - Composite AmberStrand®, C - Stainless Steel, N - Nickel/Copper, S - SnCuFe, T - Tin/Copper

    ## Application Notes
    ️· Consult factory for thin-wall, close convolution combinations.
    ️· For PTFE, consult factory for maximum lengths.
    ️· Consult factory for PEEK4 minimum/maximum dimensions.
    ️· Class 1 - Standard Wall
    ️· Class 2 - Thin Wall

    Part No.121-101-1-1-12BKS
    ManufacturerGLENAIR
    Size331 Kbytes
    Pages1 page
    DescriptionHelical Convoluted Tubing