công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSI100/06 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSI100/06 Datasheet

  • # Example questions: ➢ What is the maximum isolation voltage (visol) that this module can withstand?
    ➢ What is the maximum allowable collector current (ic25) for this igbt module at a case temperature of 25°c?
    ➢ What is the typical value for the gate-source threshold voltage (vge(th))?

  • Part No.PSI100/06
    ManufacturerPOWERSEM
    Size180 Kbytes
    Pages2 pages
    DescriptionIGBT Module
    Datasheet Summary with AI

    # ECO-PAC 2 IGBT Module PSIG 100/06

    ## Specifications
    ️· Current Ratings:
    - IC25 (TC = 25°C): 93 A
    - IC80 (TC = 80°C): 63 A
    - IF25 (TC = 25°C): 134 A
    - IF80 (TC = 80°C): 82 A
    ️· Voltage Ratings:
    - VCES: 600 V
    - VGES: ±20 V
    ️· Saturation Voltage: VCE(sat) = 2.4V (typical, IC = 100A, TVJ = 25°C)
    ️· Thermal Resistance: RthJC (per IGBT) = 0.43 K/W

    ## Features
    ️· DCB ceramic base plate
    ️· 3000 V isolation voltage
    ️· Planar glass passivated chips
    ️· Low forward voltage drop
    ️· UL Registered (E 148688)


    ## Applications
    ️· AC/DC motor control
    ️· AC servo/robot drives
    ️· Power supplies
    ️· Welding inverters

    ## Advantages
    ️· Easy mounting (two screws)
    ️· Space and weight savings
    ️· Improved temperature and power cycling
    ️· High power density

    ## Additional Information
    ️· Temperature Sensor: NTC (optional)
    ️· Operating Temperature: -40°C to +150°C
    ️· Mounting Torque: 1.5 - 2.0 Nm
    ️· Dimensions: Specified in mm (conversion: 1mm = 0.0394")

    # ECO-PAC 2 IGBT Module PSIG 100/06

    ## Specifications
    ️· Current Ratings:
    - IC25 (TC = 25°C): 93 A
    - IC80 (TC = 80°C): 63 A
    - IF25 (TC = 25°C): 134 A
    - IF80 (TC = 80°C): 82 A
    ️· Voltage Ratings:
    - VCES: 600 V
    - VGES: ±20 V
    ️· Saturation Voltage: VCE(sat) = 2.4V (typical, IC = 100A, TVJ = 25°C)
    ️· Thermal Resistance: RthJC (per IGBT) = 0.43 K/W

    ## Features
    ️· DCB ceramic base plate
    ️· 3000 V isolation voltage
    ️· Planar glass passivated chips
    ️· Low forward voltage drop
    ️· UL Registered (E 148688)

    ## Applications
    ️· AC/DC motor control
    ️· AC servo/robot drives
    ️· Power supplies
    ️· Welding inverters

    ## Advantages
    ️· Easy mounting (two screws)
    ️· Space and weight savings
    ️· Improved temperature and power cycling
    ️· High power density

    ## Additional Information
    ️· Temperature Sensor: NTC (optional)
    ️· Operating Temperature: -40°C to +150°C
    ️· Mounting Torque: 1.5 - 2.0 Nm
    ️· Dimensions: Specified in mm (conversion: 1mm = 0.0394")

    Part No.PSI100/06
    ManufacturerPOWERSEM
    Size180 Kbytes
    Pages2 pages
    DescriptionIGBT Module